Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD8250 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # SD8250
Description  NPN SILICON RF POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SD8250 Datasheet(HTML) 2 Page - Advanced Semiconductor

  SD8250 Datasheet HTML 1Page - Advanced Semiconductor SD8250 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
2/2
ERROR! REFERENCE SOURCE NOT FOUND.
SD8250
Specifications are subject to change without notice.
IMPEDANCE DATA
PIN = 40 W
VCC = 50 V
FREQ
ZIN (
Ω)
ZCL (
Ω)
960 MHz
1.0 + j3.5
1.9 – j1.8
1090 MHz
4.0 + j3.5
1.6 – j0.9
1215 MHz
2.2 + j2.2
1.4 – j1.1
MIN IMU M
inches / m m
.395 / 10.03
.140 / 3.56
B
C
D
E
F
G
A
M AXIM U M
.230 / 5.84
.407 / 10.34
inches / m m
H
.118 / 3.00
.131 / 3.33
DIM
K
L
I
J
.386 / 9.80
O
P
Q
R
N
M
.4 5 0 / 1 1.43
.050 / 1.27
.110 / 2.80
.193 / 4.90
.003 / 0.08
.006 / 0.15
.9 0 0 / 2 2.86
.6 5 0 / 1 6.51
.063 / 1.60
.125 / 3.18
.170 / 4.32
.062 / 1.58
.4 0 5 / 1 0.29
.110 / 2.80
J
P
G
M
C
B
D
H
F
N
Q
I
O
K
E
Ø.1 2 0
A
.062 x 45°
R
L


Similar Part No. - SD8250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD8250 STMICROELECTRONICS-SD8250 Datasheet
67Kb / 5P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Similar Description - SD8250

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com