Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1456 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # SD1456
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SD1456 Datasheet(HTML) 1 Page - Advanced Semiconductor

  SD1456 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 50 mA
65
V
BVCER
IC = 50 mA
RBE = 15 Ω
60
V
BVCEO
IC = 50 mA
33
V
BVEBO
IE = 5.0 mA
3.5
V
hFE
VCE = 5.0 V
IC = 500 mA
20
150
---
COB
VCB = 28 V
f = 1.0 MHz
---
60
---
pF
PG
VCE = 28 V
IC = 2 X 100 mA
f = 225 MHz
POUT = 100 W
11
dB
NPN SILICON RF POWER TRANSISTOR
SD1456
DESCRIPTION:
The
ASI SD1456 is Designed for
Television Band III Applications up
to 225 MHz.
FEATURES:
• Common Emitter
• P
G = 11 dB at 100 W/225 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
16 A
VCBO
65 V
VCEO
33 V
VEBO
3.5 V
PDISS
150 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θ
JC
0.8 °C/W
PACKAGE STYLE .400 8L FLG
MIN IMU M
inc hes / m m
.115 / 2.92
.0 65 / 1.65
.3 80 / 9.65
B
C
D
E
F
G
A
M AXIM U M
.125 / 3.18
.390 / 9.91
.075 / 1.91
inc hes / m m
H
.6 45 / 16.38
.655 / 16.64
DIM
K
L
I
J
.8 95 / 22.73
.4 20 / 10.67
.1 20 / 3.05
.905 / 22.9 9
.4 30 / 10.92
.1 30 / 3.30
O
N
M
.3 95 / 10.03
.159 / 4.04
.405 / 10.2 9
.175 / 4.45
.003 / 0.08
.007 / 0.18
.280 / 7.11
.130 / 3.30
D
K
E
.125
F
G
.1925
J
I
H
N
L M
4 x .060 R
FU LL R
A
B
C
O
.360 / 9.14
.030 / 0.76
.7 35 / 18.67
.765 / 19.4 3


Similar Part No. - SD1456

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results

Similar Description - SD1456

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com