Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH3702PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH3702PBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH3702PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH3702PBF_10 Datasheet HTML 1Page - International Rectifier IRFH3702PBF_10 Datasheet HTML 2Page - International Rectifier IRFH3702PBF_10 Datasheet HTML 3Page - International Rectifier IRFH3702PBF_10 Datasheet HTML 4Page - International Rectifier IRFH3702PBF_10 Datasheet HTML 5Page - International Rectifier IRFH3702PBF_10 Datasheet HTML 6Page - International Rectifier IRFH3702PBF_10 Datasheet HTML 7Page - International Rectifier IRFH3702PBF_10 Datasheet HTML 8Page - International Rectifier IRFH3702PBF_10 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
09/21/10
IRFH3702PbF
HEXFET® Power MOSFET
Notes  through † are on page 10
Applications
Benefits
3mm x 3mm PQFN
l Low RDS(ON)
l Very Low Gate Charge
l Low Junction to PCB Thermal Resistance
l Fully Characterized Avalanche Voltage and
Current
l 100% Tested for RG
l Lead-Free (Qualified up to 260°C Reflow)
l RoHS compliant (Halogen Free)
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
D
D
D
D
S
G
S
S
VDSS
RDS(on) max
Qg
30V
7.1mΩ@VGS = 10V 9.6nC
l Synchronous Buck Converter for Computer
Processor Power
l Isolated DC to DC Converters for Network and
Telecom
l Buck Converters for Set-Top Boxes
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
PD @TA = 70°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
6.0
RθJA
Junction-to-Ambient
gh
–––
45
°C/W
RθJA
Junction-to-Ambient (t<10s)
h
–––
44
-55 to + 150
2.8
0.02
1.8
Max.
16
42
120
± 20
30
12
25
V
W
A
°C
PD - 97368A


Similar Part No. - IRFH3702PBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH3702PBF IRF-IRFH3702PBF_15 Datasheet
280Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
More results

Similar Description - IRFH3702PBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com