Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLP-3W-UBS Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-3W-UBS
Description  HIGH POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-3W-UBS Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-3W-UBS Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-UBS Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-3W-UBS Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model. No.
Rev.
■ Mechanical Dimensions
Notes:
1. Dimension in millimeter, tolerance is ±0.2mm.
3.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/8
Http://www.foryard.com
Model No.
FYLP-3W-UBS
FYLP-3W-UBS
A


Similar Part No. - FYLP-3W-UBS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-3W-UBS FORYARD-FYLP-3W-UBS Datasheet
410Kb / 8P
   High Power Led lamp
FYLP-3W-UBS-A FORYARD-FYLP-3W-UBS-A Datasheet
392Kb / 7P
   High Power Led lamp
More results

Similar Description - FYLP-3W-UBS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
   High Power Single High Power Single
logo
Ningbo Foryard Optoelec...
FYLP-3W-UYS FORYARD-FYLP-3W-UYS Datasheet
127Kb / 3P
   HIGH POWER
FYLP-3W-UYB FORYARD-FYLP-3W-UYB Datasheet
122Kb / 3P
   HIGH POWER
FYLP-3W-UBB FORYARD-FYLP-3W-UBB Datasheet
121Kb / 3P
   HIGH POWER
FYLP-1W-UBB FORYARD-FYLP-1W-UBB Datasheet
122Kb / 3P
   HIGH POWER
FYLP-3W-UPGL FORYARD-FYLP-3W-UPGL Datasheet
119Kb / 3P
   HIGH POWER
FYLP-3W-UWWS FORYARD-FYLP-3W-UWWS Datasheet
127Kb / 3P
   HIGH POWER
logo
A-BRIGHT Inc
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80_15 Datasheet
289Kb / 6P
   High Power
AL-00-2OR1CT A-BRIGHT-AL-00-2OR1CT_15 Datasheet
293Kb / 6P
   High Power
AL-00-1OR00CAC A-BRIGHT-AL-00-1OR00CAC Datasheet
289Kb / 6P
   High Power
AL-00-1UY10CAE A-BRIGHT-AL-00-1UY10CAE Datasheet
290Kb / 6P
   High Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com