Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6727MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6727MPBF
Description  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6727MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6727MPBF Datasheet HTML 1Page - International Rectifier IRF6727MPBF Datasheet HTML 2Page - International Rectifier IRF6727MPBF Datasheet HTML 3Page - International Rectifier IRF6727MPBF Datasheet HTML 4Page - International Rectifier IRF6727MPBF Datasheet HTML 5Page - International Rectifier IRF6727MPBF Datasheet HTML 6Page - International Rectifier IRF6727MPBF Datasheet HTML 7Page - International Rectifier IRF6727MPBF Datasheet HTML 8Page - International Rectifier IRF6727MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6727MPbF
2
www.irf.com
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
22
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.22
1.7
m
–––
1.84
2.4
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.5
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
160
–––
–––
S
Qg
Total Gate Charge
–––
49
74
Qgs1
Pre-Vth Gate-to-Source Charge
–––
12
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
5.3
–––
nC
Qgd
Gate-to-Drain Charge
–––
16
–––
Qgodr
Gate Charge Overdrive
–––
16
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
21.3
–––
Qoss
Output Charge
–––
28
–––
nC
RG
Gate Resistance
–––
1.5
2.5
td(on)
Turn-On Delay Time
–––
21
–––
tr
Rise Time
–––
31
–––
ns
td(off)
Turn-Off Delay Time
–––
24
–––
tf
Fall Time
–––
16
–––
Ciss
Input Capacitance
–––
6190
–––
Coss
Output Capacitance
–––
1280
–––
pF
Crss
Reverse Transfer Capacitance
–––
610
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
110
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
260
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
0.77
1.0
V
trr
Reverse Recovery Time
–––
27
41
ns
Qrr
Reverse Recovery Charge
–––
45
68
nC
di/dt = 250A/µs i
TJ = 25°C, IS = 25A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 25A i
VDS = VGS, ID = 100µA
TJ = 25°C, IF = 25A
VGS = 4.5V
ID = 25A
VGS = 0V
VDS = 15V
ID = 25A
VDD = 15V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 32A i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8Ω
VDS = 15V, ID = 25A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


Similar Part No. - IRF6727MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6727MPBF IRF-IRF6727MPBF Datasheet
254Kb / 9P
   DirectFET Power MOSFET
IRF6727MPBF IRF-IRF6727MPBF Datasheet
264Kb / 9P
   RoHS Compliant and Halogen Free
IRF6727MPBF IRF-IRF6727MPBF_15 Datasheet
264Kb / 9P
   RoHS Compliant and Halogen Free
More results

Similar Description - IRF6727MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com