Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU82566DC Datasheet(PDF) 7 Page - Intel Corporation

Part # RU82566DC
Description  82566 Gigabit Platform LAN Connect
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RU82566DC Datasheet(HTML) 7 Page - Intel Corporation

Back Button RU82566DC Datasheet HTML 3Page - Intel Corporation RU82566DC Datasheet HTML 4Page - Intel Corporation RU82566DC Datasheet HTML 5Page - Intel Corporation RU82566DC Datasheet HTML 6Page - Intel Corporation RU82566DC Datasheet HTML 7Page - Intel Corporation RU82566DC Datasheet HTML 8Page - Intel Corporation RU82566DC Datasheet HTML 9Page - Intel Corporation RU82566DC Datasheet HTML 10Page - Intel Corporation RU82566DC Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
82566 Gigabit Platform LAN Connect Networking Silicon Datasheet
3
2.0
Signal Descriptions
2.1
Signal Type Definitions
The signals are defined as follows in the table below:
2.2
Gigabit LAN Connect Interface (GLCI) Pins
Type
Description
In (I)
Standard input-only signal.
Out (O)
Standard output-only signal.
T/S
Bi-directional, tri-state input/output signal.
S/T/S
Sustained tri-state signal.
O/D
Open drain signal.
A-in
Analog input signal.
A-out
Analog output signal.
P
Power signal.
B
Input bias.
PU
Pull-up.
PD
Pull-down.
Table 2.
GLCI Pins
Signal Name
Ball
Type
Description
GLAN_RXP
GLAN_RXN
J4
H4
A-in
GLCI Serial Data Input. This is the differential input for GLCI
(MAC to PHY).
GLAN_TXN
GLAN_TXP
J2
H2
A-out
GLCI Serial Data Output. This is the differential output for GLCI
(MAC to PHY).
KBIAS_P
KBIAS_N
G7
H7
B
Impedance Compensation. External 1.4 K
Ω 1% resistors should
be used.


Similar Part No. - RU82566DC

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU8205BC6 RUICHIPS-RU8205BC6 Datasheet
339Kb / 8P
   N-Channel Advanced Power MOSFET
RU8205BG RUICHIPS-RU8205BG Datasheet
413Kb / 8P
   N-Channel Advanced Power MOSFET
RU8205C6 RUICHIPS-RU8205C6 Datasheet
258Kb / 9P
   N-Channel Advanced Power MOSFET
logo
VBsemi Electronics Co.,...
RU8205C6 VBSEMI-RU8205C6 Datasheet
504Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Ruichips Semiconductor ...
RU8205G RUICHIPS-RU8205G Datasheet
247Kb / 9P
   N-Channel Advanced Power MOSFET
More results

Similar Description - RU82566DC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82563EB INTEL-82563EB Datasheet
572Kb / 52P
   82563EB/82564EB Gigabit Platform LAN Connect
82562G INTEL-82562G Datasheet
503Kb / 44P
   Mbps Platform LAN Connect
82562V INTEL-82562V Datasheet
462Kb / 42P
   10/100 Mbps Platform LAN Connect
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
   10/100 Mbps Platform LAN Connect (PLC)
82562GT INTEL-82562GT Datasheet
506Kb / 46P
   10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
DA82562EM INTEL-DA82562EM Datasheet
458Kb / 40P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562EP INTEL-82562EP Datasheet
356Kb / 24P
    82562EP 10/100 Mbps Platform LAN Connect (PLC)
logo
Level One
WAC-1001 LVL1-WAC-1001 Datasheet
1,005Kb / 4P
   Gigabit Wireless LAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com