Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21364SPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR21364SPBF
Description  3-PHASE BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21364SPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR21364SPBF Datasheet HTML 3Page - International Rectifier IR21364SPBF Datasheet HTML 4Page - International Rectifier IR21364SPBF Datasheet HTML 5Page - International Rectifier IR21364SPBF Datasheet HTML 6Page - International Rectifier IR21364SPBF Datasheet HTML 7Page - International Rectifier IR21364SPBF Datasheet HTML 8Page - International Rectifier IR21364SPBF Datasheet HTML 9Page - International Rectifier IR21364SPBF Datasheet HTML 10Page - International Rectifier IR21364SPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IR21364(S&J)PbF
www.irf.com
© 2009 International Rectifier
7
RC IN
IT R IP
FA U LT
Any
O upu t
titrip
50%
50%
90%
tflt
5 0%
tfltclr
50%
Fig. 5. ITRIP/RCIN Timing Waveforms
Fig. 6. Input Filter Function
Fig. 4. Internal Deadtime Timing Waveforms
on
off
on
HIN/LI
tin,fi
l
lo
w
tin,fi
l
on
off
off
high


Similar Part No. - IR21364SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR21364SPBF INFINEON-IR21364SPBF Datasheet
708Kb / 20P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
May 31, 2016
More results

Similar Description - IR21364SPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com