Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

56DN05 Datasheet(PDF) 6 Page - eupec GmbH

Part No. 56DN05
Description  Netz Gleichrichterdiode Rectifier Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

56DN05 Datasheet(HTML) 6 Page - eupec GmbH

Back Button 56DN05 Datasheet HTML 2Page - eupec GmbH 56DN05 Datasheet HTML 3Page - eupec GmbH 56DN05 Datasheet HTML 4Page - eupec GmbH 56DN05 Datasheet HTML 5Page - eupec GmbH 56DN05 Datasheet HTML 6Page - eupec GmbH 56DN05 Datasheet HTML 7Page - eupec GmbH 56DN05 Datasheet HTML 8Page - eupec GmbH 56DN05 Datasheet HTML 9Page - eupec GmbH 56DN05 Datasheet HTML 10Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technische Information / Technical Information
Netz-Gleichrichterdiode
Rectifier Diode
56 DN 02...06
N
Durchlaßverlustleistung / On-state power loss PFAV = f(IFAV)
SZ-M / 11.11.98 K.-A.Rüther
A119/98
Z.Nr.: 3
Seite/page 6
0
2000
4000
6000
8000
10000
12000
0
2000
4000
6000
8000
10000
IFAV [A]
a
b
c
d
e
f
Parameter
a - Gleichstrom
b - M 1 - ,M 2 -, B 2 - Schaltung
c - B 6 -, M 3 -, M 3.2 - Schaltung
d - M 6 - Schaltung
e - M 1 -, M 2 -, B 2 - Schaltung bei
Gegenspannungsbelastung
Θ ~ 60° el
f - M 1 -, M 2 -, B 2 - Schaltung bei
Gegenspannungsbelastung
Θ ~ 30° el


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn