Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

56DN05 Datasheet(PDF) 1 Page - eupec GmbH

Part No. 56DN05
Description  Netz Gleichrichterdiode Rectifier Diode
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUPEC [eupec GmbH]
Homepage  http://www.eupec.com
Logo 

56DN05 Datasheet(HTML) 1 Page - eupec GmbH

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Technische Information / Technical Information
Netz Gleichrichterdiode
Rectifier Diode
56 DN 02...06
N
Elektrische Eigenschaften / Electrical properties
Vorläufige Daten
Höchstzulässige Werte / Maximum rated values
Preliminary data
Periodische Spitzensperrspannung
Tvj = - 40°C...Tvj max
VRRM
200
400
V
repetitive peak forward reverse voltage
600
V
Stoßspitzensperrspannung
Tvj = + 25°C...Tvj max
VRSM
250
450
V
non-repetitive peak reverse voltage
650
V
Durchlaßstrom-Grenzeffektivwert
IFRMSM
10050
A
RMS forward current
Dauergrenzstrom
TC = 126 °C
IFAVM
6400
A
mean forward current
Stoßstrom-Grenzwert
Tvj = 25°C, tp = 10 ms
IFSM
81000
A
surge foward current
Tvj = Tvj max, tp = 10 ms
70000
A
Grenzlastintegral
Tvj = 25°C, tp = 10ms
I²t
32.800
A²s*10
3
I²t-value
Tvj = Tvj max, tp = 10ms
24.500
A²s*10
3
Charakteristische Werte / Characteristic values
Durchlaßspannung
Tvj = Tvj max ,
iF = 10 kA
vF
max.
1,15
V
forward voltage
Schleusenspannung
Tvj = Tvj max
V(TO)
0,7
V
threshold voltage
Ersatzwiderstand
Tvj = Tvj max
rT
0,04
m
forward slope resistance
Tvj = Tvj max
Tvj = 25 °C
Durchlaßkennlinie
A=
4,1720E-01
0,79326
on-state voltage
B=
2,0017E-05
1,6157E-05
C=
7,4408E-03
-8,0905E-03
D=
4,1902E-03
3,9268E-03
Sperrstrom
Tvj = Tvj max, vR = VRRM
iR
max.
100
mA
reverse current
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
Kühlfläche / cooling surface
RthJC
thermal resitance, junction to case
beidseitig / two-sided,
Θ=180°sin
max.
0,0062
°C/W
beidseitig / two-sided, DC
max.
0,0055
°C/W
Anode / anode,
Θ =180°sin
max.
0,0107
°C/W
Anode / anode, DC
max.
0,0100
°C/W
Kathode / cathode,
Θ =180°sin
max.
0,0127
°C/W
Kathode / cathode, DC
max.
0,0121
°C/W
Übergangs- Wärmewiderstand
Kühlfläche / cooling surface
RthCK
thermal resitance, case to heatsink
beidseitig / two-sided
max.
0,0025
°C/W
einseitig / single-sided
max.
0,005
°C/W
Höchstzulässige Sperrschichttemperatur
Tvj max
180
°C
max. junction temperature
Betriebstemperatur
Tc op
-40...+180
°C
operating temperature
Lagertemperatur
Tstg
-40...+180
°C
storage temperature
SZ-M / 11.11.98 K.-A.Rüther
A119/98
Seite/page 1
T
T
T
T
i
D
i
Ln
C
i
B
A
v
+
+
+
+
=
)
1
(


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn