Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP60R199CP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP60R199CP
Description  CoolMOS짰 Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R199CP Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP60R199CP_07 Datasheet HTML 1Page - Infineon Technologies AG IPP60R199CP_07 Datasheet HTML 2Page - Infineon Technologies AG IPP60R199CP_07 Datasheet HTML 3Page - Infineon Technologies AG IPP60R199CP_07 Datasheet HTML 4Page - Infineon Technologies AG IPP60R199CP_07 Datasheet HTML 5Page - Infineon Technologies AG IPP60R199CP_07 Datasheet HTML 6Page - Infineon Technologies AG IPP60R199CP_07 Datasheet HTML 7Page - Infineon Technologies AG IPP60R199CP_07 Datasheet HTML 8Page - Infineon Technologies AG IPP60R199CP_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPP60R199CP
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D=f(V DS); T j=150 °C
R DS(on)=f(I D); T j=150 °C
parameter: V GS
parameter: V GS
7 Drain-source on-state resistance
8 Typ. transfer characteristics
R DS(on)=f(T j); I D=9.9 A; V GS=10 V
I D=f(V GS); |V DS|>2|I D|R DS(on)max
parameter: T j
typ
98 %
0
0.1
0.2
0.3
0.4
0.5
0.6
-60
-20
20
60
100
140
180
T j [°C]
C °25
C °150
0
20
40
60
80
024
68
10
V GS [V]
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
5
10
15
20
25
30
35
0
5
10
15
20
V DS [V]
5 V
5.5 V
6 V
6.5 V
7 V
10 V
0
0.2
0.4
0.6
0.8
1
1.2
0
10203040
I D [A]
Rev. 2.2
page 5
2007-10-25


Similar Part No. - IPP60R199CP_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R199CP INFINEON-IPP60R199CP_11 Datasheet
385Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.3 2011-12-20
More results

Similar Description - IPP60R199CP_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R199CP INFINEON-IPP60R199CP_11 Datasheet
385Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.3 2011-12-20
SPB17N80C3 INFINEON-SPB17N80C3_11 Datasheet
432Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.5 2011-09-27
IPW60R199CP INFINEON-IPW60R199CP_14 Datasheet
607Kb / 11P
   CoolMOS짰 Power Transistor
Rev. 2.4 2014-04-29
IPI60R199CP INFINEON-IPI60R199CP_11 Datasheet
394Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPA60R250CP INFINEON-IPA60R250CP_12 Datasheet
377Kb / 10P
   CoolMOS짰 Power Transistor
Rev.2.1 2012-01-09
IPB60R199CP INFINEON-IPB60R199CP_11 Datasheet
366Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPA60R199CP INFINEON-IPA60R199CP_11 Datasheet
405Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPW80R290C3A INFINEON-IPW80R290C3A Datasheet
215Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.0 2009-03-24
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
   CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
IPW60R165CP INFINEON-IPW60R165CP_08 Datasheet
591Kb / 11P
   CoolMOS짰 Power Transistor Features Lowest figure-of-merit RONxQg Ultra low gate charge
Rev. 2.2 2008-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com