Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP65R46T-24CHY Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP65R46T-24CHY
Description  3 uA Comparator with Integrated Reference Voltage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T-24CHY Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP65R46T-24CHY Datasheet HTML 15Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 16Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 17Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 18Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 19Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 20Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 21Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 22Page - Microchip Technology MCP65R46T-24CHY Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
 2010 Microchip Technology Inc.
DS22269A-page 19
MCP65R41/6
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
3.1
Analog Inputs
The comparator non-inverting and inverting inputs are
high-impedance CMOS inputs with low bias currents.
3.2
Digital Outputs
The comparator outputs are CMOS/TTL compatible
push-pull and open-drain digital outputs. The push-pull
is designed to directly interface to a CMOS/TTL com-
patible pin while the open-drain output is designed for
level shifting and wired-OR interfaces.
3.3
Analog Outputs
The VREF Output pin outputs a reference voltage of
1.21V or 2.4V.
3.4
Power Supply (VSS and VDD)
The positive power supply pin (VDD) is 1.8V to 5.5V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a local bypass capacitor (typically 0.01 µF to
0.1µF) within 2mm of the VDD pin. These can share a
bulk capacitor with the nearby analog parts (within
100 mm), but it is not required.
TABLE 3-1:
PIN FUNCTION TABLE
MCP65R41/6
Symbol
Description
SOT23-6
1OUT
Digital Output
2VSS
Ground
3VIN+
Non-inverting Input
4VIN
Inverting Input
5VREF
Reference Voltage Output
6VDD
Positive Power Supply


Similar Part No. - MCP65R46T-24CHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP65R46T-2402E/CHY MICROCHIP-MCP65R46T-2402E/CHY Datasheet
570Kb / 36P
   3 μA Comparator with Integrated Reference Voltage
Revision C June 2020
More results

Similar Description - MCP65R46T-24CHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP65R41 MICROCHIP-MCP65R41_V01 Datasheet
570Kb / 36P
   3 μA Comparator with Integrated Reference Voltage
Revision C June 2020
logo
Texas Instruments
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
[Old version datasheet]   TLV4011 Precision Comparator with Integrated Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Micrel Semiconductor
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
   Comparator with Reference
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
   Comparator with Reference
logo
Texas Instruments
TLV6703 TI1-TLV6703_V01 Datasheet
1Mb / 26P
[Old version datasheet]   TLV6703 Micropower, 18-V Comparator With Integrated Reference
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com