Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11ES1 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 11ES1
Description  SILICON RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

11ES1 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  11ES1 Datasheet HTML 1Page - EIC discrete Semiconductors 11ES1 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11ES1 - 11ES2
SILICON RECTIFIER DIODES
PRV : 100 - 200 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
11ES1
11ES2
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
Volts
Maximum RMS Voltage
VRMS
70
140
Volts
Maximum DC Blocking Voltage
VDC
100
200
Volts
Maximum Average Forward Current Ta = 50
°C
IF
1.0
Amp.
Maximum Peak Forward Surge Current
IFSM
45
Amps.
Maximum Forward Voltage at IF = 1.0 Amp.
VF
1.0
Volts
Maximum DC Reverse Current
at rated DC Blocking Voltage
IRM
50
µA
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)


Similar Part No. - 11ES1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11ES1 ETC-11ES1 Datasheet
22Kb / 2P
   DIODE
More results

Similar Description - 11ES1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
   Silicon Rectifier Diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
DR200 EIC-DR200 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
P800A EIC-P800A Datasheet
38Kb / 2P
   SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BY251 EIC-BY251_05 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
BYW27-50 EIC-BYW27-50_05 Datasheet
57Kb / 2P
   SILICON RECTIFIER DIODES
logo
SynSemi, Inc.
BYW27-50 SYNSEMI-BYW27-50 Datasheet
30Kb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
10A01 EIC-10A01 Datasheet
40Kb / 2P
   SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
1SR139-100 EIC-1SR139-100 Datasheet
31Kb / 2P
   SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com