Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1816 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LA1816
Description  Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1816 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA1816 Datasheet HTML 3Page - Sanyo Semicon Device LA1816 Datasheet HTML 4Page - Sanyo Semicon Device LA1816 Datasheet HTML 5Page - Sanyo Semicon Device LA1816 Datasheet HTML 6Page - Sanyo Semicon Device LA1816 Datasheet HTML 7Page - Sanyo Semicon Device LA1816 Datasheet HTML 8Page - Sanyo Semicon Device LA1816 Datasheet HTML 9Page - Sanyo Semicon Device LA1816 Datasheet HTML 10Page - Sanyo Semicon Device LA1816 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LW Band Test Circuit
Coil Specifications
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment,
nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or
indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors
and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and
expenses associated with such use:
2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO
ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume
production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use
or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of November, 1997. Specifications and information herein are subject to change without notice.
Unit (capacitance: F)
T1 c LW OSC
MA-7014 (Mitsumi)
L1 c LW bar antenna
HH-50161 (Mitsumi)
4 – 6 40T
1 – 3 80T
L = 220 µH, Qo = 130
1– 2 20T
3– 4 200T
3– 4 L = 2.74 mH, Qo ^ 200
LA1816, 1816M
No.2659-11/11


Similar Part No. - LA1816

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
   AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
logo
LIGITEK electronics co....
LA181W-G-PF LIGITEK-LA181W-G-PF Datasheet
112Kb / 6P
   LED ARRAY
LA181W-SEG-PF LIGITEK-LA181W-SEG-PF Datasheet
124Kb / 7P
   LED ARRAY
More results

Similar Description - LA1816

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
   AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1806 SANYO-LA1806 Datasheet
61Kb / 4P
   AM/FM-IF/MPX Tuner System for Radio-Cassette Recorders, Music Centers
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Sanyo Semicon Device
LA1805 SANYO-LA1805 Datasheet
1,006Kb / 13P
   AM/FM-IF/MPX Tuner System for Radio-Casette Recorders, Music Centers
logo
Panasonic Semiconductor
AN7224 PANASONIC-AN7224 Datasheet
284Kb / 5P
   AM Tuner, FM-AM IF Amplifier CircuIt for RadIo Cassette Recorders
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
Sanyo Semicon Device
LA1260 SANYO-LA1260 Datasheet
924Kb / 14P
   FM/AM Tuner System for Radio-Casette Recorders, Music Centers
LA3335M SANYO-LA3335M Datasheet
107Kb / 6P
   PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com