Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB100N06S3-03 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPB100N06S3-03
Description  OptiMOS-T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB100N06S3-03 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPB100N06S3-03_07 Datasheet HTML 1Page - Infineon Technologies AG IPB100N06S3-03_07 Datasheet HTML 2Page - Infineon Technologies AG IPB100N06S3-03_07 Datasheet HTML 3Page - Infineon Technologies AG IPB100N06S3-03_07 Datasheet HTML 4Page - Infineon Technologies AG IPB100N06S3-03_07 Datasheet HTML 5Page - Infineon Technologies AG IPB100N06S3-03_07 Datasheet HTML 6Page - Infineon Technologies AG IPB100N06S3-03_07 Datasheet HTML 7Page - Infineon Technologies AG IPB100N06S3-03_07 Datasheet HTML 8Page - Infineon Technologies AG IPB100N06S3-03_07 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPB100N06S3-03
IPI100N06S3-03, IPP100N06S3-03
1 Power dissipation
2 Drain current
P tot = f(T C); V GS ≥ 6 V
I D = f(T C); V GS ≥ 6 V
3 Safe operating area
4 Max. transient thermal impedance
I D = f(V DS); T C = 25 °C; D = 0
Z thJC = f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
1
10
100
1000
0.1
1
10
100
V DS [V]
single pulse
0.01
0.05
0.1
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
10
0
10
-1
10
-2
10
-3
t p [s]
0
50
100
150
200
250
300
350
0
50
100
150
200
T C [°C]
0
20
40
60
80
100
120
0
50
100
150
200
T C [°C]
Rev. 1.1
page 4
2007-11-07


Similar Part No. - IPB100N06S3-03_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB100N06S3-03 INFINEON-IPB100N06S3-03 Datasheet
161Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
More results

Similar Description - IPB100N06S3-03_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N04S4L-04 INFINEON-IPB80N04S4L-04 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPD90N06S4-07 INFINEON-IPD90N06S4-07 Datasheet
169Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB45N06S4L-08 INFINEON-IPB45N06S4L-08 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB90N06S4-04 INFINEON-IPB90N06S4-04 Datasheet
175Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB120N06S4-02 INFINEON-IPB120N06S4-02 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB180N06S4-H1 INFINEON-IPB180N06S4-H1 Datasheet
181Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-25
IPD25N06S4L-30 INFINEON-IPD25N06S4L-30 Datasheet
173Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N06S4L-23 INFINEON-IPD30N06S4L-23 Datasheet
168Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N03S4L-09 INFINEON-IPD30N03S4L-09_10 Datasheet
140Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2010-10-05
IPB80N06S3L-06 INFINEON-IPB80N06S3L-06_07 Datasheet
191Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB120N04S4-01 INFINEON-IPB120N04S4-01 Datasheet
164Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com