Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP100N04S3-03 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP100N04S3-03
Description  OptiMOS-T Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP100N04S3-03 Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPP100N04S3-03 Datasheet HTML 1Page - Infineon Technologies AG IPP100N04S3-03 Datasheet HTML 2Page - Infineon Technologies AG IPP100N04S3-03 Datasheet HTML 3Page - Infineon Technologies AG IPP100N04S3-03 Datasheet HTML 4Page - Infineon Technologies AG IPP100N04S3-03 Datasheet HTML 5Page - Infineon Technologies AG IPP100N04S3-03 Datasheet HTML 6Page - Infineon Technologies AG IPP100N04S3-03 Datasheet HTML 7Page - Infineon Technologies AG IPP100N04S3-03 Datasheet HTML 8Page - Infineon Technologies AG IPP100N04S3-03 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPB100N04S3-03
IPI100N04S3-03, IPP100N04S3-03
9 Typ. gate threshold voltage
10 Typ. capacitances
V GS(th) = f(T j); V GS = V DS
C = f(V DS); V GS = 0 V; f = 1 MHz
parameter: I D
11 Typical forward diode characteristicis
12 Typ. avalanche characteristics
IF = f(VSD)
I AS = f(t AV)
parameter: T j
parameter: Tj(start)
25°C
100°C
150°C
1
10
100
1000
1
10
100
1000
t AV [µs]
25 °C
175 °C
10
3
10
2
10
1
10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD [V]
Ciss
Coss
Crss
10
5
10
4
10
3
0
5
10
15
20
25
30
V DS [V]
150µA
1500µA
1
1.5
2
2.5
3
3.5
4
-60
-20
20
60
100
140
180
T j [°C]
Rev. 1.0
page 6
2007-05-03


Similar Part No. - IPP100N04S3-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP100N04S2-04 INFINEON-IPP100N04S2-04 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP100N04S2L-03 INFINEON-IPP100N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP100N04S4-02 INFINEON-IPP100N04S4-02 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPP100N04S4-H2 INFINEON-IPP100N04S4-H2 Datasheet
140Kb / 9P
   OptiMOS짰-T2 Power-Transistor
Rev. 1.0 2012-07-02
More results

Similar Description - IPP100N04S3-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG15N06S3L-45 INFINEON-IPG15N06S3L-45 Datasheet
169Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPD30N06S3L-20 INFINEON-IPD30N06S3L-20 Datasheet
185Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPG20N06S3L-23 INFINEON-IPG20N06S3L-23 Datasheet
168Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB35N10S3L-26 INFINEON-IPB35N10S3L-26_12 Datasheet
177Kb / 9P
   OptiMOS??T Power-Transistor
Rev. 1.1 2011-05-17
IPB70N04S3-07 INFINEON-IPB70N04S3-07 Datasheet
191Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD70N04S3-07 INFINEON-IPD70N04S3-07 Datasheet
188Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD30N06S3-24 INFINEON-IPD30N06S3-24 Datasheet
189Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPD50N06S3L-06 INFINEON-IPD50N06S3L-06 Datasheet
163Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
IPD50N06S3L-13 INFINEON-IPD50N06S3L-13 Datasheet
162Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com