Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI80N06S3L-08 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPI80N06S3L-08
Description  OptiMOS-T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI80N06S3L-08 Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPI80N06S3L-08 Datasheet HTML 1Page - Infineon Technologies AG IPI80N06S3L-08 Datasheet HTML 2Page - Infineon Technologies AG IPI80N06S3L-08 Datasheet HTML 3Page - Infineon Technologies AG IPI80N06S3L-08 Datasheet HTML 4Page - Infineon Technologies AG IPI80N06S3L-08 Datasheet HTML 5Page - Infineon Technologies AG IPI80N06S3L-08 Datasheet HTML 6Page - Infineon Technologies AG IPI80N06S3L-08 Datasheet HTML 7Page - Infineon Technologies AG IPI80N06S3L-08 Datasheet HTML 8Page - Infineon Technologies AG IPI80N06S3L-08 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPB80N06S3L-08
IPI80N06S3L-08, IPP80N06S3L-08
9 Typ. gate threshold voltage
10 Typ. capacitances
V GS(th) = f(T j); V GS = V DS
C = f(V DS); V GS = 0 V; f = 1 MHz
parameter: I D
11 Typical forward diode characteristicis
12 Typ. avalanche characteristics
IF = f(VSD)
I AV = f(t AV)
parameter: T j
parameter: Tj(start)
25°C
100°C
150°C
1
10
100
0.1
1
10
100
1000
t AV [µs]
25 °C
175 °C
10
3
10
2
10
1
10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD [V]
Ciss
Coss
Crss
10
4
10
3
0
5
10
15
20
25
30
V DS [V]
55µA
550µA
0
0.5
1
1.5
2
2.5
3
-60
-20
20
60
100
140
180
T j [°C]
Rev. 1.1
page 6
2007-11-07


Similar Part No. - IPI80N06S3L-08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI80N06S3L-08 INFINEON-IPI80N06S3L-08 Datasheet
155Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
More results

Similar Description - IPI80N06S3L-08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N04S4L-04 INFINEON-IPB80N04S4L-04 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPD90N06S4-07 INFINEON-IPD90N06S4-07 Datasheet
169Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB45N06S4L-08 INFINEON-IPB45N06S4L-08 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB90N06S4-04 INFINEON-IPB90N06S4-04 Datasheet
175Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB120N06S4-02 INFINEON-IPB120N06S4-02 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB180N06S4-H1 INFINEON-IPB180N06S4-H1 Datasheet
181Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-25
IPD25N06S4L-30 INFINEON-IPD25N06S4L-30 Datasheet
173Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N06S4L-23 INFINEON-IPD30N06S4L-23 Datasheet
168Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N03S4L-09 INFINEON-IPD30N03S4L-09_10 Datasheet
140Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2010-10-05
IPB80N06S3L-06 INFINEON-IPB80N06S3L-06_07 Datasheet
191Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB120N04S4-01 INFINEON-IPB120N04S4-01 Datasheet
164Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com