Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI80N06S2L-05 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPI80N06S2L-05
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI80N06S2L-05 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPI80N06S2L-05 Datasheet HTML 1Page - Infineon Technologies AG IPI80N06S2L-05 Datasheet HTML 2Page - Infineon Technologies AG IPI80N06S2L-05 Datasheet HTML 3Page - Infineon Technologies AG IPI80N06S2L-05 Datasheet HTML 4Page - Infineon Technologies AG IPI80N06S2L-05 Datasheet HTML 5Page - Infineon Technologies AG IPI80N06S2L-05 Datasheet HTML 6Page - Infineon Technologies AG IPI80N06S2L-05 Datasheet HTML 7Page - Infineon Technologies AG IPI80N06S2L-05 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IPB80N06S2L-05
IPI80N06S2L-05, IPP80N06S2L-05
OptiMOS® Power-Transistor
Features
• N-channel Logic Level - Enhancement mode
• Automotive AEC Q101 qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
Green package (lead free)
• Ultra low Rds(on)
• 100% Avalanche tested
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous drain current
1)
I D
T C=25 °C, V GS=10 V
80
A
T C=100 °C,
V GS=10 V
2)
80
Pulsed drain current
2)
I D,pulse
T C=25 °C
320
Avalanche energy, single pulse
2)
E AS
I D= 80 A
800
mJ
Gate source voltage
4)
V GS
±20
V
Power dissipation
P tot
T C=25 °C
300
W
Operating and storage temperature
T j, T stg
-55 ... +175
°C
Value
V DS
55
V
R DS(on),max (SMD version)
4.5
m
I D
80
A
Product Summary
Type
Package
Ordering Code
Marking
IPB80N06S2L-05
PG-TO263-3-2
SP0002-19004
2N06L05
IPP80N06S2L-05
PG-TO220-3-1
SP0002-19000
2N06L05
IPI80N06S2L-05
PG-TO262-3-1
SP0002-19002
2N06L05
PG-TO220-3-1
PG-TO262-3-1
PG-TO263-3-2
Rev. 1.0
page 1
2006-03-13


Similar Part No. - IPI80N06S2L-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI80N06S2L-11 INFINEON-IPI80N06S2L-11 Datasheet
162Kb / 8P
   OptiMOS Power-Transistor
Rev. 1.0 2006-06-20
IPI80N06S2L-11 INFINEON-IPI80N06S2L-11 Datasheet
138Kb / 8P
   OptiMOS Power-Transistor
Rev. 1.1 2010-10-26
More results

Similar Description - IPI80N06S2L-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com