Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB80N04S3-06 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPB80N04S3-06
Description  OptiMOS-T Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB80N04S3-06 Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPB80N04S3-06 Datasheet HTML 1Page - Infineon Technologies AG IPB80N04S3-06 Datasheet HTML 2Page - Infineon Technologies AG IPB80N04S3-06 Datasheet HTML 3Page - Infineon Technologies AG IPB80N04S3-06 Datasheet HTML 4Page - Infineon Technologies AG IPB80N04S3-06 Datasheet HTML 5Page - Infineon Technologies AG IPB80N04S3-06 Datasheet HTML 6Page - Infineon Technologies AG IPB80N04S3-06 Datasheet HTML 7Page - Infineon Technologies AG IPB80N04S3-06 Datasheet HTML 8Page - Infineon Technologies AG IPB80N04S3-06 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPB80N04S3-06
IPI80N04S3-06, IPP80N04S3-06
13 Typical avalanche energy
14 Typ. drain-source breakdown voltage
E AS = f(T j)
V BR(DSS) = f(T j); I D = 1 mA
parameter: I D
15 Typ. gate charge
16 Gate charge waveforms
V GS = f(Q gate); I D = 80 A pulsed
parameter: V DD
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
30
35
40
45
50
55
-60
-20
20
60
100
140
180
T j [°C]
8 V
32 V
0
2
4
6
8
10
12
0
1020
3040
Q gate [nC]
80 A
40 A
20 A
0
100
200
300
400
500
600
25
75
125
175
T j [°C]
Rev. 1.1
page 7
2007-05-03


Similar Part No. - IPB80N04S3-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N04S3-03 INFINEON-IPB80N04S3-03 Datasheet
194Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPB80N04S3-04 INFINEON-IPB80N04S3-04 Datasheet
193Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
More results

Similar Description - IPB80N04S3-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG15N06S3L-45 INFINEON-IPG15N06S3L-45 Datasheet
169Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPD30N06S3L-20 INFINEON-IPD30N06S3L-20 Datasheet
185Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPG20N06S3L-23 INFINEON-IPG20N06S3L-23 Datasheet
168Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB35N10S3L-26 INFINEON-IPB35N10S3L-26_12 Datasheet
177Kb / 9P
   OptiMOS??T Power-Transistor
Rev. 1.1 2011-05-17
IPB70N04S3-07 INFINEON-IPB70N04S3-07 Datasheet
191Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD70N04S3-07 INFINEON-IPD70N04S3-07 Datasheet
188Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD30N06S3-24 INFINEON-IPD30N06S3-24 Datasheet
189Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPD50N06S3L-06 INFINEON-IPD50N06S3L-06 Datasheet
163Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
IPD50N06S3L-13 INFINEON-IPD50N06S3L-13 Datasheet
162Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com