Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1650C Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA1650C
Description  Time Code Reception ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1650C Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA1650C Datasheet HTML 5Page - Sanyo Semicon Device LA1650C Datasheet HTML 6Page - Sanyo Semicon Device LA1650C Datasheet HTML 7Page - Sanyo Semicon Device LA1650C Datasheet HTML 8Page - Sanyo Semicon Device LA1650C Datasheet HTML 9Page - Sanyo Semicon Device LA1650C Datasheet HTML 10Page - Sanyo Semicon Device LA1650C Datasheet HTML 11Page - Sanyo Semicon Device LA1650C Datasheet HTML 12Page - Sanyo Semicon Device LA1650C Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Antenna (prototype) Specifications
Model number:
ACL-80 (Sumida Electronics)
Prototype number:
74M-656
Inductance:
588 µH (reference value at 10 kHz)
Tuning frequency:
40 kHz
Mounting capacitance: 27000 pF
Winding:
UEW 0.35
Number of windings:
94 turns (4-3)
* Consult with your Sanyo representative before starting mass production.
Pin Connections (back surface)
No. 6310-9/14
LA1650, 1650C
1
2
3
4
S
A12773
0
180
35
–180
10
20
0
40
45
Impedance, Z
Phase,
θ
Frequency, f — kHz
θ, Z — f


Similar Part No. - LA1650C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
logo
LIGITEK electronics co....
LA165B-R-4SRG.X-AS-PF LIGITEK-LA165B-R-4SRG.X-AS-PF Datasheet
125Kb / 7P
   LED ARRAY
LA165B-R-4SRG.X-PF LIGITEK-LA165B-R-4SRG.X-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

Similar Description - LA1650C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
   Time Code Receiver
logo
Agilent(Hewlett-Packard...
HBCR-2210 HP-HBCR-2210 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
   Real Time Video Processor ICs
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
   Longwave Time Code RF Receiver LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com