Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD220N06L3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD220N06L3G
Description  OptiMOS(TM)3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD220N06L3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD220N06L3G Datasheet HTML 1Page - Infineon Technologies AG IPD220N06L3G Datasheet HTML 2Page - Infineon Technologies AG IPD220N06L3G Datasheet HTML 3Page - Infineon Technologies AG IPD220N06L3G Datasheet HTML 4Page - Infineon Technologies AG IPD220N06L3G Datasheet HTML 5Page - Infineon Technologies AG IPD220N06L3G Datasheet HTML 6Page - Infineon Technologies AG IPD220N06L3G Datasheet HTML 7Page - Infineon Technologies AG IPD220N06L3G Datasheet HTML 8Page - Infineon Technologies AG IPD220N06L3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPD220N06L3 G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
DC
10
2
10
1
10
0
10
-1
10
3
10
2
10
1
10
0
10
-1
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
t p [s]
0
10
20
30
40
0
50
100
150
200
T C [°C]
0
10
20
30
40
0
50
100
150
200
T C [°C]
Rev. 2.0
page 4
2008-12-09


Similar Part No. - IPD220N06L3G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD220N06L3 ISC-IPD220N06L3 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPD220N06L3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD250N06N3G INFINEON-IPD250N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-26
IPU103N08N3G INFINEON-IPU103N08N3G Datasheet
300Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.11 2010-05-18
IPA028N08N3G INFINEON-IPA028N08N3G Datasheet
288Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2009-02-23
IPD096N08N3G INFINEON-IPD096N08N3G Datasheet
212Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2008-10-20
IPD031N06L3G INFINEON-IPD031N06L3G Datasheet
221Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
IPA057N08N3G INFINEON-IPA057N08N3G Datasheet
286Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-20
IPA100N08N3G INFINEON-IPA100N08N3G Datasheet
285Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-21
IPD053N06N3G INFINEON-IPD053N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-25
IPA028N08N3G INFINEON-IPA028N08N3G_13 Datasheet
403Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2013-08-26
IPD088N06N3G INFINEON-IPD088N06N3G Datasheet
309Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-26
IPD079N06L3G INFINEON-IPD079N06L3G Datasheet
220Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com