Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD170N04NG Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPD170N04NG
Description  OptiMOS3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD170N04NG Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPD170N04NG Datasheet HTML 1Page - Infineon Technologies AG IPD170N04NG Datasheet HTML 2Page - Infineon Technologies AG IPD170N04NG Datasheet HTML 3Page - Infineon Technologies AG IPD170N04NG Datasheet HTML 4Page - Infineon Technologies AG IPD170N04NG Datasheet HTML 5Page - Infineon Technologies AG IPD170N04NG Datasheet HTML 6Page - Infineon Technologies AG IPD170N04NG Datasheet HTML 7Page - Infineon Technologies AG IPD170N04NG Datasheet HTML 8Page - Infineon Technologies AG IPD170N04NG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPD170N04N G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=30 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20
25
30
35
40
45
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
10
3
10
2
10
1
10
0
10
-1
1
10
100
t AV [µs]
8 V
20 V
32 V
0
2
4
6
8
10
12
02
46
8
10
Q gate [nC]
Rev. 1.0
page 7
2007-12-11


Similar Part No. - IPD170N04NG

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPD1 SAMTEC-IPD1 Datasheet
299Kb / 2P
   CAT-EX-179-01 - Extraction Tool
Rev. F
IPD1-02-D SAMTEC-IPD1-02-D Datasheet
269Kb / 2P
   .100 SHROUDED CONTACT BODY
IPD1-02-D-K SAMTEC-IPD1-02-D-K Datasheet
269Kb / 2P
   100 SHROUDED CONTACT BODY
IPD1-02-D-K-M SAMTEC-IPD1-02-D-K-M Datasheet
260Kb / 1P
   (2.54 mm) .100
Rev 21DEC21
IPD1-02-S SAMTEC-IPD1-02-S Datasheet
260Kb / 1P
   (2.54 mm) .100
Rev 21DEC21
More results

Similar Description - IPD170N04NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com