Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8668ABD150R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8668ABD150R2G
Description  Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8668ABD150R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8668ABD150R2G Datasheet HTML 1Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 2Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 3Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 4Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 5Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 6Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 7Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 8Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCV8668
http://onsemi.com
4
THERMAL CHARACTERISTICS (Note 6)
Rating
Symbol
Value
Unit
Thermal Characteristics, SOIC−14 (Note 6)
Thermal Resistance, Junction−to−Air (Note 7)
Thermal Reference, Junction−to−Lead4 (Note 7)
RqJA
RYJL
95
18.2
°C/W
Thermal Characteristics, SOIC−8 (Note 6)
Thermal Resistance, Junction−to−Air (Note 7)
Thermal Reference, Junction−to−Lead4 (Note 7)
RqJA
RYJL
132
49.2
°C/W
Thermal Characteristics, SOIC−8 EP (Note 6)
Thermal Resistance, Junction−to−Air (Note 7)
Thermal Reference, Junction−to−Lead4 (Note 7)
Thermal Reference, Junction−to−Pad (Note 7)
RqJA
RYJL4
RYJPad
80
28.5
14.8
°C/W
6. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
7. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
RECOMMENDED OPERATING RANGES (Note 8)
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 9)
Vin
4.5
40
V
Junction Temperature
TJ
−40
150
°C
8. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
9. Minimum Vin = 4.5 V or (Vout + VDO), whichever is higher.
ELECTRICAL CHARACTERISTICS
Vin = 13.2 V, Cin = 0.1 mF, Cout = 2.2 mF, for typical values TJ = 25°C, for min/max values TJ = −40°C to 150°C; unless otherwise noted.
(Notes 10 and 11)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
REGULATOR OUTPUT
Output Voltage (Accuracy %)
3.3 V
5.0 V
TJ = 25°C to 125°C
Vin = 4.5 V to 16 V, Iout = 0.1 mA to 100 mA
Vin = 5.5 V to 16 V, Iout = 0.1 mA to 100 mA
Vout
3.2505
4.925
(−1.5%)
3.3
5.0
3.3495
5.075
(+1.5%)
V
Output Voltage (Accuracy %)
3.3 V
5.0 V
Vin = 4.5 V to 40 V, Iout = 0.1 mA to 100 mA
Vin = 4.5 V to 16 V, Iout = 0.1 mA to 150 mA
Vin = 5.55 V to 40 V, Iout = 0.1 mA to 100 mA
Vin = 5.7 V to 16 V, Iout = 0.1 mA to 150 mA
Vout
3.234
3.234
4.9
4.9
(−2%)
3.3
3.3
5.0
5.0
3.366
3.366
5.1
5.1
(+2%)
V
Output Voltage (Accuracy %)
3.3 V
5.0 V
TJ = −40°C to 125°C
Vin = 4.5 V to 28 V, Iout = 0 mA
Vin = 5.5 V to 28 V, Iout = 0 mA
Vout
3.234
4.9
(−2%)
3.3
5.0
3.366
5.1
(+2%)
V
Line Regulation
5.0 V
3.3 V
Vin = 5.5 V to 28 V, Iout = 5 mA
Vin = 4.5 V to 28 V, Iout = 5 mA
Regline
−20
0
20
mV
Load Regulation
Iout = 0.1 mA to 150 mA
Regload
−40
10
40
mV
Dropout Voltage (Note 12)
5.0 V
Iout = 100 mA
Iout = 150 mA
VDO
225
300
450
600
mV
Output Capacitor for Stability (Note 13)
Iout = 5 mA to 150 mA
Iout = 0 mA to 5 mA
Cout
ESR
2.2
1
100
100
mF
W
W
10.Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
11. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TA [TJ. Low duty
cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
12.Measured when output voltage falls 100 mV below the regulated voltage at Vin = 13.2 V. If Vout < 5 V, then VDO = Vin – Vout. Maximum dro-
pout voltage value is limited by minimum input voltage Vin = 4.5 V recommended for guaranteed operation at maximum output current.
13.Values based on design and/or characterization.
14.Recommended for typical trigger time. TWD = tCW + 1/2 * tOW


Similar Part No. - NCV8668ABD150R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV86601BD50R2G ONSEMI-NCV86601BD50R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
More results

Similar Description - NCV8668ABD150R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com