Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8668ABD150R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8668ABD150R2G
Description  Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8668ABD150R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8668ABD150R2G Datasheet HTML 7Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 8Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 9Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 10Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 11Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 12Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 13Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 14Page - ON Semiconductor NCV8668ABD150R2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCV8668
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Vin
t
Vout
t
VRO
t
VRT+VRhys
<tRR
tRD
tRR
VROH
VROL
VRT
Figure 24. Reset Function and Timing Diagram
Reset &
Disabled
Watchdog
Reset
Trigger
Long
Open
Window
Open
Window
Closed
Window
Ignore
Window
Disabled
Watchdog
No Trigger
Trigger
Trigger
No Trigger
No Trigger
Trigger
WD_ON
WD_ON
WD_OFF or
Iout < Iout_WD_OFF
WD_OFF or
Iout < Iout_WD_OFF
WD_OFF or
Iout < Iout_WD_OFF
WD_OFF or
Iout < Iout_WD_OFF
WM1
L
L
H
H
WM2
L
H
L
H
Window Watchdog Mode
FAST
SLOW
FAST
OFF
Reset Mode
FAST
SLOW
SLOW
SLOW
Figure 25. Window Watchdog State Diagram, Watchdog and Reset Modes


Similar Part No. - NCV8668ABD150R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV86601BD50R2G ONSEMI-NCV86601BD50R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
More results

Similar Description - NCV8668ABD150R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com