Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV866710D250R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV866710D250R2G
Description  150 mA LDO Regulator with Enable, Reset and Early Warning
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV866710D250R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV866710D250R2G Datasheet HTML 1Page - ON Semiconductor NCV866710D250R2G Datasheet HTML 2Page - ON Semiconductor NCV866710D250R2G Datasheet HTML 3Page - ON Semiconductor NCV866710D250R2G Datasheet HTML 4Page - ON Semiconductor NCV866710D250R2G Datasheet HTML 5Page - ON Semiconductor NCV866710D250R2G Datasheet HTML 6Page - ON Semiconductor NCV866710D250R2G Datasheet HTML 7Page - ON Semiconductor NCV866710D250R2G Datasheet HTML 8Page - ON Semiconductor NCV866710D250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCV8667
http://onsemi.com
4
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage DC (Note 1)
Vin
−0.3
40
V
Input Voltage Transient (Note 1)
Vin
45
V
Input Current
Iin
−5
mA
Output Voltage (Note 2)
Vout
−0.3
5.5
V
Output Current
Iout
−3
Current
Limited
mA
Enable Input Voltage DC
VEN
−0.3
40
V
Enable Input Voltage Transient
VEN
45
V
Enable Input Current Range
IEN
−1
1
mA
DT (Reset Delay Time Select) Voltage
VDT
−0.3
5.5
V
DT (Reset Delay Time Select) Current
IDT
−1
1
mA
Reset Output Voltage
VRO
−0.3
5.5
V
Reset Output Current
IRO
−3
3
mA
Sense Input Voltage DC
VSI
−0.3
40
V
Sense Input Voltage Transient
VSI
45
V
Sense Input Current
ISI
−1
1
mA
Sense Output Voltage
VSO
−0.3
5.5
V
Sense Output Current
ISO
−3
3
mA
Maximum Junction Temperature
TJ(max)
−40
150
°C
Storage Temperature
TSTG
−55
150
°C
ESD Capability, Human Body Model (Note 3)
ESDHBM
−2
2
kV
ESD Capability, Machine Model (Note 3)
ESDMM
−200
200
V
Lead Temperature Soldering
Reflow (SMD Styles Only) (Note 4)
TSLD
265 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. 5.5 or (Vin + 0.3 V), whichever is lower
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
4. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D


Similar Part No. - NCV866710D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8667 ONSEMI-NCV8667 Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
More results

Similar Description - NCV866710D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com