Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD096N08N3G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPD096N08N3G
Description  OptiMOS(TM)3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD096N08N3G Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPD096N08N3G Datasheet HTML 1Page - Infineon Technologies AG IPD096N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPD096N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPD096N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPD096N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPD096N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPD096N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPD096N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPD096N08N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IPD096N08N3 G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
5
10
15
20
25
30
0
50
100
150
200
250
300
I D [A]
25 °C
175 °C
0
40
80
120
02
46
8
V GS [V]
0
20
40
60
80
0
2040
6080
100
I D [A]
4.5 V
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
50
100
150
200
250
300
012
345
V DS [V]
Rev. 2.1
page 5
2008-10-20


Similar Part No. - IPD096N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD096N08N3G INFINEON-IPD096N08N3G Datasheet
360Kb / 9P
   Ideal for high frequency switching
Rev. 2.2 2014-05-19
IPD096N08N3G INFINEON-IPD096N08N3G_14 Datasheet
360Kb / 9P
   Ideal for high frequency switching
Rev. 2.2 2014-05-19
More results

Similar Description - IPD096N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD250N06N3G INFINEON-IPD250N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-26
IPU103N08N3G INFINEON-IPU103N08N3G Datasheet
300Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.11 2010-05-18
IPA028N08N3G INFINEON-IPA028N08N3G Datasheet
288Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2009-02-23
IPD031N06L3G INFINEON-IPD031N06L3G Datasheet
221Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
IPA057N08N3G INFINEON-IPA057N08N3G Datasheet
286Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-20
IPA100N08N3G INFINEON-IPA100N08N3G Datasheet
285Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-21
IPD053N06N3G INFINEON-IPD053N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-25
IPA028N08N3G INFINEON-IPA028N08N3G_13 Datasheet
403Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2013-08-26
IPD088N06N3G INFINEON-IPD088N06N3G Datasheet
309Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-26
IPD079N06L3G INFINEON-IPD079N06L3G Datasheet
220Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com