Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMI7206MUTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # EMI7206MUTAG
Description  Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI7206MUTAG Datasheet(HTML) 1 Page - ON Semiconductor

  EMI7206MUTAG Datasheet HTML 1Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 2Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 3Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 4Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 5Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 6Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2010
September, 2010 − Rev. 0
1
Publication Order Number:
EMI7204MU/D
EMI7204MU, EMI7206MU,
EMI7208MU
Four-Six-Eight -Channel
EMI Filter with Integrated
ESD Protection
The EMI720xMU Series is a family of LC EMI filters with
integrated ESD protection. Its typical component values of L = 17 nH
and C = 12 pF deliver a cutoff frequency of 250 MHz and stop band
attenuation greater than −23 dB from 800 MHz to 6.0 GHz.
This performance makes the part ideal for parallel interfaces with
data rates up to 125 Mbps in applications where wireless interference
must be minimized. The specified attenuation range is very effective
in minimizing interference from 2G/3G, GPS, Bluetooth
® and
WLAN signals.
The EMI720xMU Series is available in the low−profile 4, 6, and 8
lead, 0.5 mm thick UDFN surface mount packages with 0.4 mm lead
pitch.
Features/Benefits
$16 kV ESD Protection on Each Channel (IEC61000−4−2 Level 4,
Contact Discharge)
L/C Values of 17 nH and 12 pF Deliver Exceptional S21
Performance Characteristics of 250 MHz f3dB and −23 dB Stop Band
Attenuation from 800 MHz to 6.0 GHz
Integrated EMI/ESD System Solution in UDFN Package Offers
Exceptional Cost, System Reliability and Space Savings
These are Pb−Free Devices
Applications
Wireless Handsets
EMI Filtering for LCD and Camera Data Lines
EMI Filtering and Protection for I/O Ports and Keypads
Figure 1. Electrical Schematic
Figure 2. Typical Insertion Loss Curve
See Table 1 for pin description
Cd = 12 pF
Cd = 12 pF
Filter + ESDn
Filter + ESDn
L = 17 nH
FREQUENCY (Hz)
UDFN8
CASE 517BC
MARKING
DIAGRAMS
http://onsemi.com
UDFN12
CASE 517BD
UDFN16
CASE 517BE
1
8
74 MG
G
1
XX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
12
1
76 MG
G
1
16
1
78 MG
G
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - EMI7206MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI7112 ONSEMI-EMI7112 Datasheet
140Kb / 6P
   EMI Filter with ESD Protection
February, 2015 ??Rev. P2
EMI7112FCTAG ONSEMI-EMI7112FCTAG Datasheet
140Kb / 6P
   EMI Filter with ESD Protection
February, 2015 ??Rev. P2
EMI7403 ONSEMI-EMI7403 Datasheet
180Kb / 5P
   EMI Filter
July, 2014 ??Rev. 0
EMI7403FCTBG ONSEMI-EMI7403FCTBG Datasheet
180Kb / 5P
   EMI Filter
July, 2014 ??Rev. 0
More results

Similar Description - EMI7206MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
   Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
[Old version datasheet]   FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
   SIX LINE EMI FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
   4-Channel EMI Filter with Integrated ESD Protection
EM6401M SOCAY-EM6401M Datasheet
288Kb / 3P
   6-Channel EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com