Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMI7204MU Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMI7204MU
Description  Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI7204MU Datasheet(HTML) 3 Page - ON Semiconductor

  EMI7204MU Datasheet HTML 1Page - ON Semiconductor EMI7204MU Datasheet HTML 2Page - ON Semiconductor EMI7204MU Datasheet HTML 3Page - ON Semiconductor EMI7204MU Datasheet HTML 4Page - ON Semiconductor EMI7204MU Datasheet HTML 5Page - ON Semiconductor EMI7204MU Datasheet HTML 6Page - ON Semiconductor EMI7204MU Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMI7204MU, EMI7206MU, EMI7208MU
http://onsemi.com
3
Theory of Operation
The EMI720X combines ESD protection and EMI
filtering conveniently into a small package for today’s size
constrained applications. The capacitance inherent to a
typical protection diode is utilized to provide the
capacitance value necessary to create the desired frequency
response based upon the series resistance in the filter. By
combining this functionality into one device, a large number
of discrete components are integrated into one small
package saving valuable board space and reducing BOM
count and cost in the application.
Application Example
The accepted practice for specifying bandwidth in a filter
is to use the 3 dB cutoff frequency. Utilizing points such as
the 6 dB or 9 dB cutoff frequencies results in signal
degradation in an application. This can be illustrated in an
application example. A typical application would include
EMI filtering of data lines in a camera or display interface.
In such an example it is important to first understand the
signal and its spectral content. By understanding these
things, an appropriate filter can be selected for the desired
application. A typical data signal is pattern of 1’s and 0’s
transmitted over a line in a form similar to a square wave.
The maximum frequency of such a signal would be the
pattern 1−0−1−0 such that for a signal with a data rate of
100 Mbps, the maximum frequency component would be
50 MHz. The next item to consider is the spectral content of
the signal, which can be understood with the Fourier series
approximation of a square wave, shown below in
Equations 1 and 2 in the Fourier series approximation.
From this it can be seen that a square wave consists of odd
order harmonics and to fully construct a square wave n must
go to infinity. However, to retain an acceptable portion of the
waveform, the first two terms are generally sufficient. These
two terms contain about 85% of the signal amplitude and
allow a reasonable square wave to be reconstructed.
Therefore, to reasonably pass a square wave of frequency x
the minimum filter bandwidth necessary is 3x. All
ON Semiconductor EMI filters are rated according to this
principle. Attempting to violate this principle will result in
significant rounding of the waveform and cause problems in
transmitting the correct data. For example, take the filter
with the response shown in Figure 4 and apply three
different data waveforms. To calculate these three different
frequencies, the 3 dB, 6 dB, and 9 dB bandwidths will be
used.
Equation 1:
x(t) +
1
2
)
2
p
a
S
n + 1
1
2n * 1
sin (2n * 1)w0t
(eq. 1)
Equation 2 (Simplified form of Equation 1):
x(t) +
1
2
)
(eq. 2)
2
p
sin w0t
1
) p20
sin 3w0t
3
) p20
sin 5w0t
5
)AAA
FREQUENCY
(Hz)
100k
1M
100M
1G
10G
10M
−3 dB
−6 dB
−9 dB
Figure 4. Filter Bandwidth
f1
f2
f3
From the above paragraphs it is shown that the maximum
supported frequency of a waveform that can be passed
through the filter can be found by dividing the bandwidth by
a factor of three (to obtain the corresponding data rate
multiply the result by two). The following table gives the
bandwidth values and the corresponding maximum
supported frequencies and the third harmonic frequencies.


Similar Part No. - EMI7204MU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI7112 ONSEMI-EMI7112 Datasheet
140Kb / 6P
   EMI Filter with ESD Protection
February, 2015 ??Rev. P2
EMI7112FCTAG ONSEMI-EMI7112FCTAG Datasheet
140Kb / 6P
   EMI Filter with ESD Protection
February, 2015 ??Rev. P2
EMI7403 ONSEMI-EMI7403 Datasheet
180Kb / 5P
   EMI Filter
July, 2014 ??Rev. 0
EMI7403FCTBG ONSEMI-EMI7403FCTBG Datasheet
180Kb / 5P
   EMI Filter
July, 2014 ??Rev. 0
More results

Similar Description - EMI7204MU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
   Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
[Old version datasheet]   FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
   SIX LINE EMI FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
   4-Channel EMI Filter with Integrated ESD Protection
EM6401M SOCAY-EM6401M Datasheet
288Kb / 3P
   6-Channel EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com