Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFLI6Q0397KJE Datasheet(PDF) 1 Page - AVX Corporation

Part # FFLI6Q0397KJE
Description  Capacitors for Power Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFLI6Q0397KJE Datasheet(HTML) 1 Page - AVX Corporation

  FFLI6Q0397KJE Datasheet HTML 1Page - AVX Corporation FFLI6Q0397KJE Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
Capacitors for Power Electronics
FFLI (RoHS Compliant)
USUAL APPLICATIONS
The FFLI capacitor is specifically designed for DC filtering,
PACKAGING MATERIAL
Aluminium cylindrical case filled thermosetting resin.
Self extinguishing thermosetting resin (V0 : in accordance
with UL 94 ; M2F1 : in accordance with NF F 16-101).
Self extinguishing plastic cover (V0 : in accordance with UL 94)
ROHS components
LIFETIME EXPECTANCY
One unique feature of this technology (as opposed to elec-
trolytics) is how the capacitor reacts at the end of its lifetime.
Whereas with an electrolytic there is a strong risk of explosion
of the case. However with our line of film capacitors, the
capacitor will simply experience at the end of life a loss of
capacitance of about 5%, with no risk of explosion.
Please note that this is theoretical, however, as the capacitor
continues to be functional even after this 5% decrease.
Expected life time for FFLI range:
100 000 Hrs / Undc / Hot-spot temperature = 65°C.
STANDARDS
IEC 61071: Power electronic capacitors
IEC 60068-1: Environmental testing
IEC 61373: Shocks and vibrations
UL 94: Fire requirements
UL810: Capacitors
HOT SPOT CALCULATION
See Hot Spot Temperature, page 3.
For all applications, the hot spot temperature must be lower
than 95°C.
θhot spot = θambient + [tgδ.Q+Rs.(Irms)2].Rth
With:
Q : Reactive power in Var
R
S in Ohm
I
rms in Ampere
R
th : Rth ambient / hot spot in °C/W
tg
δ
0
.(10-4) is the tangent of loss angle for polypropylene
dielectric. Polypropylene has a constant dielectric loss-
es factor of 2x10-4 irrespective of temperature and fre-
quency (up to 1 MHz).
θ Ambient : Ambient Temperature in ºC
M6 x 10
Marking
Marking
M8 x 20
M12 x 16
1.5
D±2
Aluminium can
MARKING
Capacitance value
Max Torque M6 = 4.5.Nm
Nominal dc voltage
Max Torque M8 = 8.5Nm
Maximum rms current
Max Torque M12 = 15Nm
Batch number
Coded date according IEC62
DIMENSIONS
Terminal Code JE
Threaded Female
Terminal Code --
Threaded Male
A±1
Ø15
Self ex
plas
Tinned
outputs
Ø15
Self extinguishing
plastic cover
Tinned
outputs
HOW TO ORDER
FFLI
Series
6
Dielectric
6 = Polypropylene
L
Voltage
Code
L = 1000V
U = 1200V
Q = 1400V
0337
Capacitance Code
Capacitance Values with
2 significant digits:
0 + pF code
0397 = 390μF
0167 = 160μF
etc.
K
Capacitance
Tolerances
K = ±10%
––
Terminal Code
– – = Male Threaded
JE = Female Threaded


Similar Part No. - FFLI6Q0397KJE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 FFLI6N0147K** ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com