Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD090N03LGE8177 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD090N03LGE8177
Description  OptiMOS?? Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD090N03LGE8177 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD090N03LGE8177 Datasheet HTML 1Page - Infineon Technologies AG IPD090N03LGE8177 Datasheet HTML 2Page - Infineon Technologies AG IPD090N03LGE8177 Datasheet HTML 3Page - Infineon Technologies AG IPD090N03LGE8177 Datasheet HTML 4Page - Infineon Technologies AG IPD090N03LGE8177 Datasheet HTML 5Page - Infineon Technologies AG IPD090N03LGE8177 Datasheet HTML 6Page - Infineon Technologies AG IPD090N03LGE8177 Datasheet HTML 7Page - Infineon Technologies AG IPD090N03LGE8177 Datasheet HTML 8Page - Infineon Technologies AG IPD090N03LGE8177 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPD090N03L G E8177
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
2
10
1
10
0
10
-1
10
3
10
2
10
1
10
0
10
-1
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
0.01
0.1
1
10
00
000
0
1
t p [s]
0
10
20
30
40
50
0
50
100
150
200
T C [°C]
0
10
20
30
40
50
0
50
100
150
200
T C [°C]
Rev. 2.0
page 4
2010-02-23


Similar Part No. - IPD090N03LGE8177

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD090N03LG INFINEON-IPD090N03LG Datasheet
537Kb / 12P
   OptiMOS3 Power-Transistor
Rev. 1.0 2006-10-23
IPD090N03LG INFINEON-IPD090N03LG Datasheet
1Mb / 12P
   OptiMOS3 Power-Transistor
2010-04-07 revision:1.09
IPD090N03LG INFINEON-IPD090N03LG_10 Datasheet
1Mb / 12P
   OptiMOS3 Power-Transistor
2010-04-07 revision:1.09
More results

Similar Description - IPD090N03LGE8177

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com