Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFLI6U0337K-- Datasheet(PDF) 2 Page - AVX Corporation

Part # FFLI6U0337K--
Description  Capacitors for Power Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFLI6U0337K-- Datasheet(HTML) 2 Page - AVX Corporation

  FFLI6U0337K-- Datasheet HTML 1Page - AVX Corporation FFLI6U0337K-- Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
Capacitors for Power Electronics
FFLI Design
Part Number
Capacitance
DH1
A
I
rms
I2tL
S
R
S
R
th
Typical
(μF)
(A)
(A2s)
max. (nH)
(m )
(°C/W)
Weight (g)
Undc 800V
FFLI6B0297K--
290
75 (2.953)
105 (4.134)
32 (1.260)
50
13
60
4.1
4.1
500
FFLI6B0397K--
390
85 (3.346)
105 (4.134)
32 (1.260)
62
23
60
2.9
3.6
600
FFLI6B0507K--
500
75 (2.953)
155 (6.102)
32 (1.260)
45
13
85
5.6
3.6
600
FFLI6B0687K--
680
85 (3.346)
155 (6.102)
32 (1.260)
53
24
85
4.3
3.3
900
FFLI6B0817K--
810
85 (3.346)
180 (7.087)
32 (1.260)
50
23
100
5.1
3.1
1100
FFLI6B1007K--
1000
100 (3.937)
155 (6.102)
50 (13.78)
65
52
85
3.2
3.0
1200
FFLI6B1207K--
1200
100 (3.937)
180 (7.087)
50 (13.78)
61
52
100
3.7
2.9
1500
FFLI6B1357K--
1350
116 (4.567)
155 (6.102)
50 (13.78)
77
95
85
2.5
2.6
1700
FFLI6B1607K--
1600
116 (4.567)
180 (7.087)
50 (13.78)
72
93
100
3.0
2.6
2000
FFLI6B1907K--
1900
116 (4.567)
240 (9.449)
50 (13.78)
110
300
140
1.4
2.4
2600
FFLI6B2407K--
2400
116 (4.567)
290 (11.42)
50 (13.78)
100
300
170
1.6
2.2
3200
FFLI6B3007K--
3000
116 (4.567)
340 (13.39)
50 (13.78)
100
320
200
1.9
2.0
3800
Undc 1000V
FFLI6L0197K--
190
75 (2.953)
105 (4.134)
32 (1.260)
46
8
60
4.5
4.1
200
FFLI6L0267K--
260
85 (3.346)
105 (4.134)
32 (1.260)
56
15
60
3.4
3.6
300
FFLI6L0337K--
330
75 (2.953)
155 (6.102)
32 (1.260)
40
8
85
6.8
3.6
600
FFLI6L0457K--
450
85 (3.346)
155 (6.102)
32 (1.260)
48
16
85
5.2
3.3
900
FFLI6L0547K--
540
85 (3.346)
180 (7.087)
32 (1.260)
45
16
100
6.1
3.1
1100
FFLI6L0657K--
650
100 (3.937)
155 (6.102)
50 (13.78)
60
33
85
3.8
3.0
1200
FFLI6L0787K--
780
100 (3.937)
180 (7.087)
50 (13.78)
55
33
100
4.5
2.9
1500
FFLI6L0907K--
900
116 (4.567)
155 (6.102)
50 (13.78)
72
64
85
2.9
2.6
1700
FFLI6L1107K--
1100
116 (4.567)
180 (7.087)
50 (13.78)
68
66
100
3.4
2.6
2000
FFLI6L1307K--
1300
116 (4.567)
240 (9.449)
50 (13.78)
100
210
140
1.5
2.4
2600
FFLI6L1807K--
1800
116 (4.567)
290 (11.42)
50 (13.78)
95
200
170
1.9
2.2
3200
FFLI6L2207K--
2200
116 (4.567)
340 (13.39)
50 (13.78)
95
200
200
2.2
2.0
3800
Undc 1150V
FFLI6U0157K--
150
75 (2.953)
105 (4.134)
32 (1.260)
44
6
60
5.0
4.1
500
FFLI6U0207K--
200
85 (3.346)
105 (4.134)
32 (1.260)
53
11
60
3.9
3.6
600
FFLI6U0267K--
260
75 (2.953)
155 (6.102)
32 (1.260)
39
7
85
7.4
3.6
600
FFLI6U0357K--
350
85 (3.346)
155 (6.102)
32 (1.260)
45
12
85
5.9
3.3
900
FFLI6U0437K--
430
85 (3.346)
180 (7.087)
32 (1.260)
43
12
100
6.8
3.1
1100
FFLI6U0537K--
530
100 (3.937)
155 (6.102)
50 (13.78)
57
27
85
4.1
3.0
1200
FFLI6U0637K--
630
100 (3.937)
180 (7.087)
50 (13.78)
53
27
100
4.9
2.9
1500
FFLI6U0727K--
720
116 (4.567)
155 (6.102)
50 (13.78)
69
51
85
3.2
2.6
1700
FFLI6U0867K--
860
116 (4.567)
180 (7.087)
50 (13.78)
64
50
100
3.8
2.6
2000
FFLI6U1007K--
1000
116 (4.567)
240 (9.449)
50 (13.78)
95
160
140
1.7
2.4
2600
FFLI6U1307K--
1300
116 (4.567)
290 (11.42)
50 (13.78)
90
160
170
2.0
2.2
3200
FFLI6U1607K--
1600
116 (4.567)
340 (13.39)
50 (13.78)
90
160
200
2.3
2.0
3800
Undc 1400V
FFLI6Q1056K--
105
75 (2.953)
105 (4.134)
32 (1.260)
41
5
60
5.8
4.1
500
FFLI6Q0147K--
140
85 (3.346)
105 (4.134)
32 (1.260)
50
8
60
4.5
3.6
600
FFLI6Q1856K--
185
75 (2.953)
155 (6.102)
32 (1.260)
35
5
85
8.8
3.6
600
FFLI6Q0257K--
250
85 (3.346)
155 (6.102)
32 (1.260)
42
9
85
6.7
3.3
900
FFLI6Q0307K--
300
85 (3.346)
180 (7.087)
32 (1.260)
40
9
100
7.9
3.1
1100
FFLI6Q0367K--
360
100 (3.937)
155 (6.102)
50 (13.78)
52
18
85
4.8
3.0
1200
FFLI6Q0447K--
440
100 (3.937)
180 (7.087)
50 (13.78)
50
19
100
5.6
2.9
1500
FFLI6Q0507K--
500
116 (4.567)
155 (6.102)
50 (13.78)
65
36
85
3.7
2.6
1700
FFLI6Q0607K--
600
116 (4.567)
180 (7.087)
50 (13.78)
60
35
100
4.3
2.6
2000
FFLI6Q0707K--
700
116 (4.567)
240 (9.449)
50 (13.78)
90
120
140
1.9
2.4
2600
FFLI6Q0907K--
900
116 (4.567)
290 (11.42)
50 (13.78)
90
120
170
2.3
2.2
3200
FFLI6Q1107K--
1100
116 (4.567)
340 (13.39)
50 (13.78)
85
120
200
2.7
2.0
3800
ELECTRICAL CHARACTERISTICS
Dry with controlled self-healing metallized polypropylene dielectric.
Climatic Category
40/95/56 (IEC68)
Working temperature
-40°C / + 95°C (according to the power dissipated )
Storage temperature
-40°C / +85°C
Test voltage between terminals
@ 25°C: 1.5 x Undc during 10s
Test voltage between terminals and case
@ 25°C:@ 4 kVrms @ 50Hz during 1 min.
Dielectric
Polypropylene
Dimensions millimeters (inches)
*Change “--” to “JE” for female terminals
RATINGS AND PART NUMBER REFERENCE


Similar Part No. - FFLI6U0337K--

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 FFLI6N0147K** ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com