Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA1177 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA1177
Description  Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1177 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA1177 Datasheet HTML 1Page - Sanyo Semicon Device LA1177 Datasheet HTML 2Page - Sanyo Semicon Device LA1177 Datasheet HTML 3Page - Sanyo Semicon Device LA1177 Datasheet HTML 4Page - Sanyo Semicon Device LA1177 Datasheet HTML 5Page - Sanyo Semicon Device LA1177 Datasheet HTML 6Page - Sanyo Semicon Device LA1177 Datasheet HTML 7Page - Sanyo Semicon Device LA1177 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA1177
No.2257-4/8
Input/Output Characteristic
Mixer input level – dBµ
AGC Detuning Characteristic
Detuning frequency – MHz
Load Resistance Characteristic of OSC Buffer
Load resistance, RL – Ω
Reduced Voltage Characteristic of OSC Frequency
Supply voltage, VCC – V
IF Amp Frequency Characteristic
Frequency, f – kHz
Reduced Voltage Characteristic of OSC Frequency
Supply voltage, VCC – V
Load Delay Characteristic of OSC Puffer
Load capacitance – pF
Mixer Input/Output Characteristic
Mixer input level – dBµ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LA1175 FM Front End For Car Radio Home Stereo Applications 1  2  3  4  5  More Sanyo Semicon Device
LA1178M FM Front End for Car Radio Home Radio-Use 1  2  3  4  5  More Sanyo Semicon Device
LA1180 MONOLITHIC LINEAR IC FM FRONT END FOR RADIO CASSETTE RECORDER USE 1  2  3  4  Sanyo Semicon Device
LC75374E Electronic Volume and Tone Control for Car Stereos 1  2  3  4  5  More Sanyo Semicon Device
AN7213 FM FRONT END CIRCUIT FOR RADIO 1  2  3  4  Panasonic Semiconductor
LA1135 AM Tuner System for Car Radios and Home Stereos 1  2  3  4  5  More Sanyo Semicon Device
LA1136N AM Tuners for Car Radios and Home Stereos 1  2  3  4  5  More Sanyo Semicon Device
LA1883M Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment  1  2  3  4  5  More Sanyo Semicon Device
NTE1802 Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1  2  3  4  NTE Electronics
AN7293NSC FM-IF NC MPX IC for car radio 1  2  3  4  5  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn