Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1175M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1175M
Description  FM Front End For Car Radio, Home Stereo Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1175M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1175M Datasheet HTML 1Page - Sanyo Semicon Device LA1175M Datasheet HTML 2Page - Sanyo Semicon Device LA1175M Datasheet HTML 3Page - Sanyo Semicon Device LA1175M Datasheet HTML 4Page - Sanyo Semicon Device LA1175M Datasheet HTML 5Page - Sanyo Semicon Device LA1175M Datasheet HTML 6Page - Sanyo Semicon Device LA1175M Datasheet HTML 7Page - Sanyo Semicon Device LA1175M Datasheet HTML 8Page - Sanyo Semicon Device LA1175M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LA1175, 1175M
Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
Pin 4, 8, 9, 14
8
V
Operating voltagerange
VCC op
8 to 9
V
Electrical Characteristics at Ta=25°C, VCC=8V, See specified Test Circuit.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Current drain
ICC
Pins 4, 8, 9, 14 : no input
23.0
28.0
33.0
mA
AGC high-level voltage
VAGCH
VIN=0dBµ, VCL=4V
7.6
7.9
V
AGC low-level voltage
VAGCL
VIN=100dBµ, VCL=4V
0.2
0.7
V
IF input resistance
RIN
260
330
400
AGC control input
VCL7
VIN=100dBµ, VAGC=7V
0.25
0.5
V
VCL2
VIN=100dBµ, VAGC=2V
1.1
1.6
2.1
V
Voltage gain
AV
LA1175 : VIN=75dBµ
99
102
105
dBµ
LA1175M : VIN=75dBµ
97
100
103
dBµ
Input limiting voltage
VINlim
LA1175 : Referenced to VIN=110dBµ
81
88
95
dBµ
LA1175M : Referenced to VIN=110dBµ
80
87
94
dBµ
AGC input voltage
ViAGC
VAGC=2V
67
74
81
dBµ
Saturation output voltage
VOUT
LA1175 : VIN=110dBµ
110
114
dBµ
LA1175M : VIN=110dBµ
100
113
dBµ
OSC BUFF output
VOSC BUFF
1k
Ω load
105
109
dBµ
ANT damping drive
IANT-D
VIN=100dBµ
4.5
6.0
8.0
mA
current
No.2276-2/14
Ambient temperature, Ta – °C
Ambient temperature, Ta – °C


Similar Part No. - LA1175M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
LA1178 SANYO-LA1178 Datasheet
299Kb / 7P
   FM Front End for Car Radio, Home Radio-Use
LA1178M SANYO-LA1178M Datasheet
299Kb / 7P
   FM Front End for Car Radio, Home Radio-Use
More results

Similar Description - LA1175M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1178M SANYO-LA1178M Datasheet
299Kb / 7P
   FM Front End for Car Radio, Home Radio-Use
LA1185 SANYO-LA1185 Datasheet
80Kb / 5P
   FM Front-end for Radio-cassette Recorder, Home Stereo Applications
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
logo
Panasonic Semiconductor
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
   FM FRONT END CIRCUIT FOR RADIO
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com