Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1206D0R20FWTR Datasheet(PDF) 10 Page - AVX Corporation

Part # F1206D0R20FWTR
Description  Accu-Guard, SMD Thin-Film Fuse
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206D0R20FWTR Datasheet(HTML) 10 Page - AVX Corporation

Back Button F1206D0R20FWTR Datasheet HTML 6Page - AVX Corporation F1206D0R20FWTR Datasheet HTML 7Page - AVX Corporation F1206D0R20FWTR Datasheet HTML 8Page - AVX Corporation F1206D0R20FWTR Datasheet HTML 9Page - AVX Corporation F1206D0R20FWTR Datasheet HTML 10Page - AVX Corporation F1206D0R20FWTR Datasheet HTML 11Page - AVX Corporation F1206D0R20FWTR Datasheet HTML 12Page - AVX Corporation F1206D0R20FWTR Datasheet HTML 13Page - AVX Corporation F1206D0R20FWTR Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Accu-Guard® II
SMD Thin-Film Fuse
10-1
1
10
100
Current, Amp
10-2
10-3
10-4
10-5
10-6
50
40
30
20
10
0
60
3.00A
2.50A
2.00A
1.50A
1.25A
1.00A
0.75A
0.50A
0.25A
0.15A
FUSE PRE-ARC JOULE INTEGRALS
VS. CURRENT TIME FOR TYPES F0805B AND F1206B (TYPICAL)


Similar Part No. - F1206D0R20FWTR

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1206 POLYFET-F1206 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
logo
Renesas Technology Corp
F1206 RENESAS-F1206 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
AVX Corporation
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F1206A0R20FWTR AVX-F1206A0R20FWTR Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
More results

Similar Description - F1206D0R20FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com