Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB44D0336K Datasheet(PDF) 4 Page - AVX Corporation

Part # FFB44D0336K
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFB44D0336K Datasheet(HTML) 4 Page - AVX Corporation

  FFB44D0336K Datasheet HTML 1Page - AVX Corporation FFB44D0336K Datasheet HTML 2Page - AVX Corporation FFB44D0336K Datasheet HTML 3Page - AVX Corporation FFB44D0336K Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
50
°C
60
°C
70
°C
95
°C
85
°C
80
°C
105
°C
1.2
1.1
1.0
0.8
0.7
0.9
100
1000
10000
100000
Lifetime Expectancy (hours)
LIFETIME EXPECTANCY vs VOLTAGE
AND HOT SPOT TEMPERATURE
– POLYPROPYLENE DIELECTRIC
Vw = Working DC Voltage • Vn = Rated DC Voltage
Medium Power Film Capacitors
FFB (RoHS Compliant) – Polypropylene Dielectric
Climatic category
55/105/56 (IEC 60068)
Test voltage between terminals @ 25°C
1.5 x Vndc
Capacitance range Cn
1.5μF to 13μF
Tolerance on Cn
±10%
Rated DC voltage Vndc
525 to 1100 V
Dielectric
polypropylene
ELECTRICAL CHARACTERISTICS
– POLYPROPYLENE DIELECTRIC
POLYPROPYLENE DIELECTRIC FOR INDUSTRIAL DC FILTERING
These capacitors have been designed principally for high and medium power DC filtering applications.
Part Number
Capacitance
Case Style
I
rms max.
R
S
R
th
Typical
(μF)
(A)
(m )
(°C/W)
Weight (g)
Vndc 525V
Vrms max.: 105 volts
Voltage Code: J
FFB16J0395K--
3.9
PO
5.1
30
45.7
15
FFB26J0565K--
5.6
18
7.4
21
36.4
20
FFB36J0825K--
8.2
19
10.9
15
32.6
25
FFB46J0106K--
10
26
12
12
29.8
32
FFB56J0136K--
13
R68
12
9
24.3
40
(2 terminals)
FFB56J0136KJC
13
R68
16.7
9
24.3
40
(4 terminals)
Vndc 720V
Vrms max.: 120 volts
Voltage Code: A
FFB16A0335K--
3.3
PO
5.0
31
45.0
15
FFB26A0435K--
4.3
18
6.5
24
36.2
20
FFB36A0625K--
6.2
19
9.4
17
32.7
25
FFB46A0755K--
7.5
26
11.4
14
29.9
32
FFB56A0106K--
10
R68
12
11
24.2
40
(2 terminals)
FFB56A0106KJC
10
R68
15.2
11
24.2
40
(4 terminals)
Vndc 900V
Vrms max.: 150 volts
Voltage Code: C
FFB16C0205K--
2
PO
3.6
41
45.7
15
FFB26C0275K--
2.7
18
4.9
30
36.6
20
FFB36C0395K--
3.9
19
7.2
21
32.9
25
FFB46C0515K--
5.1
26
9.3
16
29.7
32
FFB56C0685K--
6.8
R68
12
12
24.1
40
(2 terminals)
FFB56C0685KJC
6.8
R68
12.5
12
24.1
40
(4 terminals)
Vndc 1100V
Vrms max.: 180 volts
Voltage Code: L
FFB16L0155K--
1.5
PO
3.3
45
45.2
15
FFB26L0185K--
1.8
18
3.9
40
36.5
20
FFB36L0245K--
2.4
19
5.3
28
33.4
25
FFB46L0305K--
3
26
6.6
23
30.2
32
FFB56L0475K--
4.7
R68
10.3
15
24.1
40
(2 terminals)
FFB56L0475KJC
4.7
R68
10.3
15
24.1
40
(4 terminals)
RATINGS AND PART NUMBER REFERENCE – POLYESTER DIELECTRIC


Similar Part No. - FFB44D0336K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
154Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FFB44D0336K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com