Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD053N06N3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD053N06N3G
Description  OptiMOS(TM)3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD053N06N3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD053N06N3G Datasheet HTML 1Page - Infineon Technologies AG IPD053N06N3G Datasheet HTML 2Page - Infineon Technologies AG IPD053N06N3G Datasheet HTML 3Page - Infineon Technologies AG IPD053N06N3G Datasheet HTML 4Page - Infineon Technologies AG IPD053N06N3G Datasheet HTML 5Page - Infineon Technologies AG IPD053N06N3G Datasheet HTML 6Page - Infineon Technologies AG IPD053N06N3G Datasheet HTML 7Page - Infineon Technologies AG IPD053N06N3G Datasheet HTML 8Page - Infineon Technologies AG IPD053N06N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPD053N06N3 G
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
115
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
1.3
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
75
6 cm² cooling area
5)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
60
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=58 µA
234
Zero gate voltage drain current
I DSS
V DS=60 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=60 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
R DS(on)
V GS=10 V, I D=90 A
-
4.2
5.3
m
Gate resistance
R G
-
1.2
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=90 A
50
100
-
S
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Value
Values
Drain-source on-state resistance
Rev.2.0
page 2
2008-11-25


Similar Part No. - IPD053N06N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD053N06N INFINEON-IPD053N06N Datasheet
1,021Kb / 2P
   New OptiMOS??40V and 60V
07 / 2012
IPD053N06N INFINEON-IPD053N06N Datasheet
498Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
logo
Inchange Semiconductor ...
IPD053N06N ISC-IPD053N06N Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPD053N06N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD250N06N3G INFINEON-IPD250N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-26
IPU103N08N3G INFINEON-IPU103N08N3G Datasheet
300Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.11 2010-05-18
IPA028N08N3G INFINEON-IPA028N08N3G Datasheet
288Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2009-02-23
IPD096N08N3G INFINEON-IPD096N08N3G Datasheet
212Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2008-10-20
IPD031N06L3G INFINEON-IPD031N06L3G Datasheet
221Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
IPA057N08N3G INFINEON-IPA057N08N3G Datasheet
286Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-20
IPA100N08N3G INFINEON-IPA100N08N3G Datasheet
285Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-21
IPA028N08N3G INFINEON-IPA028N08N3G_13 Datasheet
403Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2013-08-26
IPD088N06N3G INFINEON-IPD088N06N3G Datasheet
309Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-26
IPD079N06L3G INFINEON-IPD079N06L3G Datasheet
220Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com