Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0103MN0135 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # Z0103MN0135
Description  4Q Triac Direct interfacing to logic level ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MN0135 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button Z0103MN0135 Datasheet HTML 2Page - NXP Semiconductors Z0103MN0135 Datasheet HTML 3Page - NXP Semiconductors Z0103MN0135 Datasheet HTML 4Page - NXP Semiconductors Z0103MN0135 Datasheet HTML 5Page - NXP Semiconductors Z0103MN0135 Datasheet HTML 6Page - NXP Semiconductors Z0103MN0135 Datasheet HTML 7Page - NXP Semiconductors Z0103MN0135 Datasheet HTML 8Page - NXP Semiconductors Z0103MN0135 Datasheet HTML 9Page - NXP Semiconductors Z0103MN0135 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Z0103MN0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
6 of 15
NXP Semiconductors
Z0103MN0
4Q Triac
All dimensions are in mm
All dimensions are in mm
Printed-circuit board:
FR4 epoxy glass (1.6 mm thick),
copper laminate (35 um thick)
Fig 6. Minimum footprint SOT223
Fig 7. Printed-circuit board pad area SOT223
Fig 8. Transient thermal impedance from junction to solder point as a function of pulse width
001aab508
3.8 min
1.5
min
1.5
min
(3
×)
2.3
4.6
6.3
1.5
min
001aab509
7
4.6
15
36
9
10
18
4.5
60
50
003aac210
10
-2
10
-1
1
10
10
2
10
-5
10
-4
10
-3
10
-2
1
10
tp (s)
Zth(j-sp)
(K/W)
tp
P
t
10
-1


Similar Part No. - Z0103MN0135

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
Z0103MN0 WEEN-Z0103MN0 Datasheet
253Kb / 14P
   4Q Triac
More results

Similar Description - Z0103MN0135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com