Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD036N04LG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD036N04LG
Description  OptiMOS3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD036N04LG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD036N04LG Datasheet HTML 1Page - Infineon Technologies AG IPD036N04LG Datasheet HTML 2Page - Infineon Technologies AG IPD036N04LG Datasheet HTML 3Page - Infineon Technologies AG IPD036N04LG Datasheet HTML 4Page - Infineon Technologies AG IPD036N04LG Datasheet HTML 5Page - Infineon Technologies AG IPD036N04LG Datasheet HTML 6Page - Infineon Technologies AG IPD036N04LG Datasheet HTML 7Page - Infineon Technologies AG IPD036N04LG Datasheet HTML 8Page - Infineon Technologies AG IPD036N04LG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Type
IPD036N04L G
OptiMOS®3 Power-Transistor
Features
• Fast switching MOSFET for SMPS
• Optimized technology for DC/DC converters
• Qualified according to JEDEC
1) for target applications
• N-channel, logic level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• 100% Avalanche tested
• Pb-free plating; RoHS compliant
• Pb-free plating; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
90
A
V GS=10 V, T C=100 °C
87
V GS=4.5 V, T C=25 °C
90
V GS=4.5 V,
T C=100 °C
75
Pulsed drain current
2)
I D,pulse
T C=25 °C
400
Avalanche current, single pulse
3)
I AS
T C=25 °C
90
Avalanche energy, single pulse
E AS
I D=90 A, R GS=25 Ω
55
mJ
Gate source voltage
V GS
±20
V
Value
1) J-STD20 and JESD22
V DS
40
V
R DS(on),max
3.6
m
I D
90
A
Product Summary
Type
IPD036N04L G
Package
PG-TO252-3
Marking
036N04L
Rev. 1.0
page 1
2007-12-06


Similar Part No. - IPD036N04LG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IPD036N04LG VBSEMI-IPD036N04LG Datasheet
2Mb / 8P
   N-Channel 4 -V (D-S) MOSFET
More results

Similar Description - IPD036N04LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com