Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA18273HN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA18273HN
Description  Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18273HN Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA18273HN Datasheet HTML 1Page - NXP Semiconductors TDA18273HN Datasheet HTML 2Page - NXP Semiconductors TDA18273HN Datasheet HTML 3Page - NXP Semiconductors TDA18273HN Datasheet HTML 4Page - NXP Semiconductors TDA18273HN Datasheet HTML 5Page - NXP Semiconductors TDA18273HN Datasheet HTML 6Page - NXP Semiconductors TDA18273HN Datasheet HTML 7Page - NXP Semiconductors TDA18273HN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TDA18273HN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 2 — 15 December 2010
4 of 8
NXP Semiconductors
TDA18273HN
Hybrid Silicon Tuner for terrestrial and cable TV reception
6.
Limiting values
[1]
The maximum allowed ambient temperature Tamb(max) depends on the assembly conditions of the package and especially on the design
of the Printed-Circuit Board (PCB) and die connection. The application mounting must be done in such a way that the maximum junction
temperature is never exceeded. The junction temperature: Tj = Tamb + Tj-c. where Tj-c = power  Rth.
[2]
Class III: 500 V to 1000 V.
7.
Abbreviations
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.3
+3.6
V
VI
input voltage
VCC <3.3 V
0.3
VCC +0.3 V
VCC >3.3 V
0.3
+3.6
V
Tstg
storage temperature
40
+150
C
Tj
junction temperature
-
125
C
Tamb
ambient temperature
20
[1]
C
VESD
electrostatic discharge voltage
EIA/JESD22-A114 (HBM)
2+2
kV
EIA/JESD22-C101-C (FCDM) class III[2]
750
-
V
Table 4.
Abbreviations
Acronym
Description
AGC
Automatic Gain Control
AGCK
Automatic Gain Control step Killer
CB
Citizen Band
DVB
Digital Video Broadcasting
DVB-T/T2/C/C2/H
DVB-Terrestrial/Terrestrial second generation/Cable/Handheld
FCDM
Field-induced Charged-Device Model
FRAC-N
Fractional-N
HBM
Human Body Model
IF
Intermediate Frequency
IR
Image Rejection
LNA
Low-Noise Amplifier
LO
Local Oscillator
PCB
Printed Circuit Board
PLD
Power Level Detector
RF
Radio Frequency
RoHS
Restriction of Hazardous Substances
SAW
Surface Acoustic Wave
UHF
Ultra High Frequency
VHF
Very High Frequency
VSYNC
Vertical SYNChronization
Xtal
Crystal


Similar Part No. - TDA18273HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
More results

Similar Description - TDA18273HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18272HN NXP-TDA18272HN Datasheet
206Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-11 August 2010
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
NXP Semiconductors
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com