Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4716 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1N4716
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4716 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1N4716 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4716 Datasheet HTML 2Page - EIC discrete Semiconductors 1N4716 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal
Zener
Max. Voltage
Max. Zener
Zener
Test
Regulation
Current
Type No.
Voltage
(3)
Current
(Note 1)
VZ @ IZT
IZT
ΔVZ
(2, 3)
IZM
(2)
(V)
µA
(V)
(
μA)
(V)
(mA)
1N4678
1.8
50
0.70
7.5
1.0
240
1N4679
2.0
50
0.70
5.0
1.0
220
1N4680
2.2
50
0.75
4.0
1.0
200
1N4681
2.4
50
0.80
2.0
1.0
190
1N4682
2.7
50
0.85
1.0
1.0
180
1N4683
3.0
50
0.90
0.8
1.0
170
1N4684
3.3
50
0.95
7.5
1.5
160
1N4685
3.6
50
0.95
7.5
2.0
150
1N4686
3.9
50
0.97
5.0
2.0
140
1N4687
4.3
50
0.99
4.0
2.0
130
1N4688
4.7
50
0.99
10
3.0
120
1N4689
5.1
50
0.97
10
3.0
110
1N4690
5.6
50
0.96
10
4.0
100
1N4691
6.2
50
0.95
10
5.0
90
1N4692
6.8
50
0.90
10
5.1
70
1N4693
7.5
50
0.75
10
5.7
63.6
1N4694
8.2
50
0.50
1.0
6.2
58.0
1N4695
8.7
50
0.10
1.0
6.6
54.8
1N4696
9.1
50
0.08
1.0
6.9
52.4
1N4697
10
50
0.10
1.0
7.6
49.6
1N4698
11
50
0.11
0.05
8.4
43.2
1N4699
12
50
0.12
0.05
9.1
40.8
1N4700
13
50
0.13
0.05
9.8
38.0
1N4701
14
50
0.14
0.05
10.6
35.0
1N4702
15
50
0.15
0.05
11.4
32.6
1N4703
16
50
0.16
0.05
12.1
30.8
1N4704
17
50
0.17
0.05
12.9
29.0
1N4705
18
50
0.18
0.05
13.6
26.4
1N4706
19
50
0.19
0.05
14.4
25.0
1N4707
20
50
0.20
0.01
15.2
23.8
1N4708
22
50
0.22
0.01
16.7
21.6
1N4709
24
50
0.24
0.01
18.2
19.8
1N4710
25
50
0.25
0.01
19.0
19.0
1N4711
27
50
0.27
0.01
20.4
17.6
1N4712
28
50
0.28
0.01
21.2
17.0
1N4713
30
50
0.30
0.01
22.8
15.8
1N4714
33
50
0.33
0.01
25.0
14.4
1N4715
36
50
0.36
0.01
27.3
13.2
1N4716
39
50
0.39
0.01
29.6
12.2
1N4717
43
50
0.43
0.01
32.6
11.0
Notes :
(1) The type numbers shown have a standard tolerance of± 5 % on the nominal zener voltage.
(2) ΔVZ @ 100 µA minus VZ @ 10 µA
(3) The electrical characteristics are measured after allowing the device to stabilize for 20 seconds when mounted
with 3/8" minimum lead length from the base.
Page 2 of 3
Rev. 01 : August 16, 2006
IR
@
V R
Max. Reverse
Leakage Current
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1N4716

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4716 VISHAY-1N4716 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Compensated Deuices Inc...
1N4716 CDI-DIODE-1N4716 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4716 GE-1N4716 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Microsemi Corporation
1N4716 MICROSEMI-1N4716 Datasheet
48Kb / 1P
   SILICON 250 mW ZENER DIODES
logo
TAITRON Components Inco...
1N4716 TAITRON-1N4716 Datasheet
245Kb / 4P
   ZENER DIODES
More results

Similar Description - 1N4716

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com