Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP072N10N3G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP072N10N3G
Description  OptiMOS3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP072N10N3G Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP072N10N3G Datasheet HTML 1Page - Infineon Technologies AG IPP072N10N3G Datasheet HTML 2Page - Infineon Technologies AG IPP072N10N3G Datasheet HTML 3Page - Infineon Technologies AG IPP072N10N3G Datasheet HTML 4Page - Infineon Technologies AG IPP072N10N3G Datasheet HTML 5Page - Infineon Technologies AG IPP072N10N3G Datasheet HTML 6Page - Infineon Technologies AG IPP072N10N3G Datasheet HTML 7Page - Infineon Technologies AG IPP072N10N3G Datasheet HTML 8Page - Infineon Technologies AG IPP072N10N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPP072N10N3 G IPI072N10N3 G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
4.5 V
5 V
6 V
7.5 V
10 V
0
3
6
9
12
15
18
0
50
100
150
I D [A]
25 °C
175 °C
0
50
100
150
02
46
8
V GS [V]
0
40
80
120
160
0
50
100
150
I D [A]
4.5 V
5 V
5.5 V
6 V
7.5 V
10 V
00
0
80
160
240
320
400
012
345
V DS [V]
Rev. 2.1
page 5
2008-10-21


Similar Part No. - IPP072N10N3G

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IPP072N10N3G UMW-IPP072N10N3G Datasheet
693Kb / 9P
   100V N-Channel MOSFET
More results

Similar Description - IPP072N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com