Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1830 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC1830
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1830 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC1830 Datasheet HTML 3Page - NXP Semiconductors LPC1830 Datasheet HTML 4Page - NXP Semiconductors LPC1830 Datasheet HTML 5Page - NXP Semiconductors LPC1830 Datasheet HTML 6Page - NXP Semiconductors LPC1830 Datasheet HTML 7Page - NXP Semiconductors LPC1830 Datasheet HTML 8Page - NXP Semiconductors LPC1830 Datasheet HTML 9Page - NXP Semiconductors LPC1830 Datasheet HTML 10Page - NXP Semiconductors LPC1830 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
7 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P1_0[2]
P2
I; PU
I/O
GPIO0[4] — General purpose digital input/output pin.
I
CTIN_3 — SCT input 3. Capture input 1 of timer 1.
I/O
EXTBUS_A5 — External memory address line 5.
-n.c.
P1_1[2]
R2
I; PU
I/O
GPIO0[8] — General purpose digital input/output pin.
O
CTOUT_7 — SCT output 7. Match output 3 of timer 1.
I/O
EXTBUS_A6 — External memory address line 6. Boot control pin 0 (see
Table 5).
-n.c.
P1_2[2]
R3
I; PU
I/O
GPIO0[9] — General purpose digital input/output pin.
O
CTOUT_6 — SCT output 6. Match output 2 of timer 1.
I/O
EXTBUS_A7 — External memory address line 7. Boot control pin 1 (see
Table 5).
-n.c.
P1_3[2]
P5
I; PU
I/O
GPIO0[10] — General purpose digital input/output pin.
O
CTOUT_8 — SCT output 8. Match output 0 of timer 2.
-n.c.
O
EXTBUS_OE — LOW active Output Enable signal.
P1_4[2]
T3
I; PU
I/O
GPIO0[11] — General purpose digital input/output pin.
O
CTOUT_9 — SCT output 9. Match output 1 of timer 2.
-n.c.
O
EXTBUS_BLS0 — LOW active Byte Lane select signal 0.
P1_5[2]
R5
I; PU
I/O
GPIO1[8] — General purpose digital input/output pin.
O
CTOUT_10 — SCT output 10. Match output 2 of timer 2.
-n.c.
O
EXTBUS_CS0 — LOW active Chip Select 0 signal.
P1_6[2]
T4
I; PU
I/O
GPIO1[9] — General purpose digital input/output pin.
I
CTIN_5 — SCT input 5. Capture input 2 of timer 2.
-n.c.
O
EXTBUS_WE — LOW active Write Enable signal.
P1_7[2]
T5
I; PU
I/O
GPIO1[0] — General purpose digital input/output pin.
I
U1_DSR — Data Set Ready input for UART1.
O
CTOUT_13 — SCT output 13. Match output 1 of timer 3.
I/O
EXTBUS_D0 — External memory data line 0.
P1_8[2]
R7
I; PU
I/O
GPIO1[1] — General purpose digital input/output pin.
O
U1_DTR — Data Terminal Ready output for UART1.
O
CTOUT_12 — SCT output 12. Match output 0 of timer 3.
I/O
EXTBUS_D1 — External memory data line 1.
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description


Similar Part No. - LPC1830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1830 NXP-LPC1830 Datasheet
661Kb / 2P
   Fastest Cortex-M3 MCU, Largest SRAM, High Speed USB
June 2011
LPC1830 NXP-LPC1830 Datasheet
1Mb / 142P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1830 PHILIPS-LPC1830 Datasheet
2Mb / 157P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 3-6 December 2011
LPC1830 NXP-LPC1830 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC1830FBD144 NXP-LPC1830FBD144 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
More results

Similar Description - LPC1830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850_13 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
LPC1850_1109 NXP-LPC1850_1109 Datasheet
1Mb / 142P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1850_1112 PHILIPS-LPC1850_1112 Datasheet
2Mb / 157P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 3-6 December 2011
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com