Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1830FET256 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC1830FET256
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1830FET256 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC1830FET256 Datasheet HTML 6Page - NXP Semiconductors LPC1830FET256 Datasheet HTML 7Page - NXP Semiconductors LPC1830FET256 Datasheet HTML 8Page - NXP Semiconductors LPC1830FET256 Datasheet HTML 9Page - NXP Semiconductors LPC1830FET256 Datasheet HTML 10Page - NXP Semiconductors LPC1830FET256 Datasheet HTML 11Page - NXP Semiconductors LPC1830FET256 Datasheet HTML 12Page - NXP Semiconductors LPC1830FET256 Datasheet HTML 13Page - NXP Semiconductors LPC1830FET256 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
10 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P2_5[3]
K14
<tbd>
-
n.c.
I
CTIN_2 — SCT input 2. Capture input 2 of timer 0.
I
USB1_VBUS — Monitors the presence of USB1 bus power.
Note: This signal must be HIGH for USB reset to occur.
I
ADCTRIG1 — ADC trigger input 1.
P2_6[2]
K16
<tbd>
-
n.c.
I/O
U0_DIR — RS-485/EIA-485 output enable/direction control for USART0.
I/O
EXTBUS_A10 — External memory address line 10.
O
USB0_IND0 — USB0 port indicator LED control output 0.
P2_7[2]
H14
I; PU
I/O
GPIO0[7] — General purpose digital input/output pin. This pin is sampled at
RESET for ISP entry.
O
CTOUT_1 — SCT output 1. Match output 1 of timer 0.
I/O
U3_UCLK — Serial clock input/output for USART3 in synchronous mode.
I/O
EXTBUS_A9 — External memory address line 9.
P2_8[2]
J16
<tbd>
-
n.c.
O
CTOUT_0 — SCT output 0. Match output 0 of timer 0.
I/O
U3_DIR — RS-485/EIA-485 output enable/direction control for USART3.
I/O
EXTBUS_A8 — External memory address line 8. Boot control pin 2 (see
Table 5).
P2_9[2]
H16
I; PU
I/O
GPIO1[10] — General purpose digital input/output pin.
O
CTOUT_3 — SCT output 3. Match output 3 of timer 0.
I/O
U3_BAUD3 — <tbd>for USART3.
I/O
EXTBUS_A0 — External memory address line 0.
P2_10[2]
G16
I; PU
I/O
GPIO0[14] — General purpose digital input/output pin.
O
CTOUT_2 — SCT output 2. Match output 2 of timer 0.
O
U2_TXD — Transmitter output for USART2.
I/O
EXTBUS_A1 — External memory address line 1.
P2_11[2]
F16
I; PU
I/O
GPIO1[11] — General purpose digital input/output pin.
O
CTOUT_5 — SCT output 5. Match output 1 of timer 1.
I
U2_RXD — Receiver input for USART2.
I/O
EXTBUS_A2 — External memory address line 2.
P2_12[2]
E15
I; PU
I/O
GPIO1[12] — General purpose digital input/output pin.
O
CTOUT_4 — SCT output 4. Match output 0 of timer 1.
-n.c.
I/O
EXTBUS_A3 — External memory address line 3.
P2_13[2]
C16
I; PU
I/O
GPIO1[13] — General purpose digital input/output pin.
I
CTIN_4 — SCT input 4. Capture input 2 of timer 1.
-n.c.
I/O
EXTBUS_A4 — External memory address line 4.
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description


Similar Part No. - LPC1830FET256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1830FET256 NXP-LPC1830FET256 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
More results

Similar Description - LPC1830FET256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850_13 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
LPC1850_1109 NXP-LPC1850_1109 Datasheet
1Mb / 142P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1850_1112 PHILIPS-LPC1850_1112 Datasheet
2Mb / 157P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 3-6 December 2011
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com