Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP82N04NUG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP82N04NUG
Description  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP82N04NUG Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP82N04NUG Datasheet HTML 1Page - Renesas Technology Corp NP82N04NUG Datasheet HTML 2Page - Renesas Technology Corp NP82N04NUG Datasheet HTML 3Page - Renesas Technology Corp NP82N04NUG Datasheet HTML 4Page - Renesas Technology Corp NP82N04NUG Datasheet HTML 5Page - Renesas Technology Corp NP82N04NUG Datasheet HTML 6Page - Renesas Technology Corp NP82N04NUG Datasheet HTML 7Page - Renesas Technology Corp NP82N04NUG Datasheet HTML 8Page - Renesas Technology Corp NP82N04NUG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D19803EJ1V0DS
2
NP82N04MUG, NP82N04NUG
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
μA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±100
nA
Gate to Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
μA
2.0
4.0
V
Forward Transfer Admittance
Note
| yfs |
VDS = 5 V, ID = 41 A
20
47
S
Drain to Source On-state Resistance
Note
RDS(on)
VGS = 10 V, ID = 41 A
3.4
4.2
m
Ω
Input Capacitance
Ciss
VDS = 25 V,
6500
9750
pF
Output Capacitance
Coss
VGS = 0 V,
580
870
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
370
670
pF
Turn-on Delay Time
td(on)
VDD = 20 V, ID = 41 A,
39
90
ns
Rise Time
tr
VGS = 10 V,
102
260
ns
Turn-off Delay Time
td(off)
RG = 0
Ω
67
140
ns
Fall Time
tf
13
40
ns
Total Gate Charge
QG
VDD = 32 V,
106
160
nC
Gate to Source Charge
QGS
VGS = 10 V,
29
nC
Gate to Drain Charge
QGD
ID = 82 A
35
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 82 A, VGS = 0 V
0.9
1.5
V
Reverse Recovery Time
trr
IF = 82 A, VGS = 0 V,
43
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
μs
51
nC
Note Pulsed test
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
μ


Similar Part No. - NP82N04NUG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP82N04NUG RENESAS-NP82N04NUG Datasheet
5Mb / 6P
   Product Scout Automotive
NP82N04NUG-S18-AYNote RENESAS-NP82N04NUG-S18-AYNote Datasheet
322Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP82N04NUG

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com