Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP80N06NLG-S18-AY Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP80N06NLG-S18-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N06NLG-S18-AY Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button NP80N06NLG-S18-AY Datasheet HTML 2Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 3Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 4Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 5Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 6Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 7Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 8Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 9Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet D19798EJ1V0DS
4
NP80N06MLG, NP80N06NLG, NP80N06PLG
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TC - Case Temperature -
°C
0
25
50
75
100
125
0
25
50
75
100
125
150
175
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
1000
0.1
1
10
100
ID(DC)
ID(pulse)
DC
TC = 25
°C
Single Pulse
PW
= 1
i
00
μs
RD
S(
on
) L
im
ite
d
(V
GS
= 1
i 0
V)
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Single Pulse
Rth(ch-A) = 83.3
°C/W
Rth(ch-C) = 1.30
°C/W
PW - Pulse Width - s
1 m
10 m
100 m
1
10
100
1000


Similar Part No. - NP80N06NLG-S18-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP80N06NLG-S18-AYNote RENESAS-NP80N06NLG-S18-AYNote Datasheet
355Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP80N06NLG-S18-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com