Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP80N04PLG Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # NP80N04PLG
Description  MOS FIELD EFFECT TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N04PLG Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button NP80N04PLG Datasheet HTML 4Page - Renesas Technology Corp NP80N04PLG Datasheet HTML 5Page - Renesas Technology Corp NP80N04PLG Datasheet HTML 6Page - Renesas Technology Corp NP80N04PLG Datasheet HTML 7Page - Renesas Technology Corp NP80N04PLG Datasheet HTML 8Page - Renesas Technology Corp NP80N04PLG Datasheet HTML 9Page - Renesas Technology Corp NP80N04PLG Datasheet HTML 10Page - Renesas Technology Corp NP80N04PLG Datasheet HTML 11Page - Renesas Technology Corp NP80N04PLG Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet D19797EJ1V0DS
8
NP80N04MLG, NP80N04NLG, NP80N04PLG
PACKAGE DRAWINGS (Unit: mm)
TO-220 (MP-25K)
TO-262 (MP-25SK)
10.0
±0.2
3.8
±0.2
4.45
±0.2
1.3
±0.2
1.27
±0.2
0.8
±0.1
0.5
±0.2
2.5
±0.2
2.54 TYP.
2.54 TYP.
φ
1
4
23
1. Gate
2. Drain
3. Source
4. Fin (Drain)
10.0
±0.2
4.45
±0.2
1.3
±0.2
1.27
±0.2
0.8
±0.1
0.5
±0.2
2.5
±0.2
2.54 TYP.
2.54 TYP.
1
4
23
1. Gate
2. Drain
3. Source
4. Fin (Drain)
TO-263 (MP-25ZP)
EQUIVALENT CIRCUIT
No plating
7.88 MIN.
2.54
0.75 ±0.2
0.5
2
13
4
4.45 ±0.2
1.3 ±0.2
0.6 ±0.2
0 to 8˚
1. Gate
2. Drain
3. Source
4. Fin (Drain)
0.025
to 0.25
0.25
10.0 ±0.3
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding
the rated voltage may be applied to this device.


Similar Part No. - NP80N04PLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP80N04PLG RENESAS-NP80N04PLG Datasheet
5Mb / 6P
   Product Scout Automotive
logo
VBsemi Electronics Co.,...
NP80N04PLG VBSEMI-NP80N04PLG Datasheet
1Mb / 9P
   N-Channel 40 V (D-S) MOSFET
logo
Renesas Technology Corp
NP80N04PLG-E1B-AYNote RENESAS-NP80N04PLG-E1B-AYNote Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
logo
VBsemi Electronics Co.,...
NP80N04PLG-E2B-AY VBSEMI-NP80N04PLG-E2B-AY Datasheet
1Mb / 9P
   N-Channel 40 V (D-S) MOSFET
logo
Renesas Technology Corp
NP80N04PLG-E2B-AYNote RENESAS-NP80N04PLG-E2B-AYNote Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP80N04PLG

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com