Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP80N04MDG-S18-AY Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP80N04MDG-S18-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N04MDG-S18-AY Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP80N04MDG-S18-AY Datasheet HTML 1Page - Renesas Technology Corp NP80N04MDG-S18-AY Datasheet HTML 2Page - Renesas Technology Corp NP80N04MDG-S18-AY Datasheet HTML 3Page - Renesas Technology Corp NP80N04MDG-S18-AY Datasheet HTML 4Page - Renesas Technology Corp NP80N04MDG-S18-AY Datasheet HTML 5Page - Renesas Technology Corp NP80N04MDG-S18-AY Datasheet HTML 6Page - Renesas Technology Corp NP80N04MDG-S18-AY Datasheet HTML 7Page - Renesas Technology Corp NP80N04MDG-S18-AY Datasheet HTML 8Page - Renesas Technology Corp NP80N04MDG-S18-AY Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SWITCHING
N-CHANNEL POWER MOS FET
MOS FIELD EFFECT TRANSISTOR
NP80N04MDG, NP80N04NDG, NP80N04PDG
DATA SHEET
Document No. D19795EJ1V0DS00 (1st edition)
Date Published May 2009 NS
Printed in Japan
2009
(TO-220)
(TO-262)
(TO-263)
DESCRIPTION
The NP80N04MDG, NP80N04NDG, and NP80N04PDG are N-channel MOS Field Effect Transistors designed for
high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP80N04MDG-S18-AY
Note
TO-220 (MP-25K) typ. 1.9 g
NP80N04NDG-S18-AY
Note
Tube
50 p/tube
TO-262 (MP-25SK) typ. 1.8 g
NP80N04PDG-E1B-AY
Note
NP80N04PDG-E2B-AY
Note
Pure Sn (Tin)
Tape
1000 p/reel
TO-263 (MP-25ZP) typ. 1.5 g
Note Pb-free (This product does not contain Pb in the external electrode.)
FEATURES
• Logic level
• Super low on-state resistance
- NP80N04MDG, NP80N04NDG
RDS(on)1 = 4.8 m
Ω MAX. (VGS = 10 V, ID = 40 A)
RDS(on)2 = 9.0 m
Ω MAX. (VGS = 4.5 V, ID = 35 A)
- NP80N04PDG
RDS(on)1 = 4.5 m
Ω MAX. (VGS = 10 V, ID = 40 A)
RDS(on)2 = 8.7 m
Ω MAX. (VGS = 4.5 V, ID = 35 A)
• High current rating
ID(DC) =
±80 A
• Low input capacitance
Ciss = 4600 pF TYP.
• Designed for automotive application and AEC-Q101 qualified


Similar Part No. - NP80N04MDG-S18-AY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NP80N04MDG-S18-AY VBSEMI-NP80N04MDG-S18-AY Datasheet
968Kb / 7P
   N-Channel 40-V (D-S) MOSFET
More results

Similar Description - NP80N04MDG-S18-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com