Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2785X Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XC2785X
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2785X Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XC2785X Datasheet HTML 5Page - Infineon Technologies AG XC2785X Datasheet HTML 6Page - Infineon Technologies AG XC2785X Datasheet HTML 7Page - Infineon Technologies AG XC2785X Datasheet HTML 8Page - Infineon Technologies AG XC2785X Datasheet HTML 9Page - Infineon Technologies AG XC2785X Datasheet HTML 10Page - Infineon Technologies AG XC2785X Datasheet HTML 11Page - Infineon Technologies AG XC2785X Datasheet HTML 12Page - Infineon Technologies AG XC2785X Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
XC2785X
XC2000 Family Derivatives / Base Line
Summary of Features
Data Sheet
9
V2.0, 2009-03
Ordering Information
The ordering code for an Infineon microcontroller provides an exact reference to a
specific product. This ordering code identifies:
the function set of the corresponding product type
the temperature range:
– SAF-
…: -40°C to 85°C
– SAK-
…: -40°C to 125°C
the package and the type of delivery.
For ordering codes for the XC2785X please contact your sales representative or local
distributor.
This document describes several derivatives of the XC2785X group:
Basic Device Types are readily available and
Special Device Types are only available on request.
As this document refers to all of these derivatives, some descriptions may not apply to a
specific product, in particular to the special device types.
For simplicity the term XC2785X is used for all derivatives throughout this document.
1.1
Basic Device Types
Basic device types are available and can be ordered through Infineon’s direct and/or
distribution channels.
Table 1
Synopsis of XC2785X Basic Device Types
Derivative1)
1) This Data Sheet is valid for devices starting with and including design step AA.
xx is a placeholder for the available speed grade (in MHz).
Program
Memory2)
2) Specific information about the on-chip Flash memory in Table 3.
PSRAM3)
3) All derivatives additionally provide 8 Kbytes SBRAM, 2 Kbytes DPRAM, and 16 Kbytes DSRAM.
Capt./Comp.
Modules
ADC4)
Chan.
4) Specific information about the available channels in Table 4.
Analog input channels are listed for each Analog/Digital Converter module separately (ADC0 + ADC1).
Interfaces4)
SAK-XC2785X-
104FxxL
832 Kbytes
Flash
32 Kbytes
0CC2
CCU60/1/2/3
16 + 8 2 CAN Nodes,
6 Serial Chan.


Similar Part No. - XC2785X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2785X-104FxxL INFINEON-XC2785X-104FxxL Datasheet
1Mb / 141P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1, 2011-07
XC2785X INFINEON-XC2785X_11 Datasheet
1Mb / 141P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1, 2011-07
More results

Similar Description - XC2785X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com