Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2785X Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # XC2785X
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2785X Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button XC2785X Datasheet HTML 77Page - Infineon Technologies AG XC2785X Datasheet HTML 78Page - Infineon Technologies AG XC2785X Datasheet HTML 79Page - Infineon Technologies AG XC2785X Datasheet HTML 80Page - Infineon Technologies AG XC2785X Datasheet HTML 81Page - Infineon Technologies AG XC2785X Datasheet HTML 82Page - Infineon Technologies AG XC2785X Datasheet HTML 83Page - Infineon Technologies AG XC2785X Datasheet HTML 84Page - Infineon Technologies AG XC2785X Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 136 page
background image
XC2785X
XC2000 Family Derivatives / Base Line
Electrical Parameters
Data Sheet
81
V2.0, 2009-03
Operating Conditions
The following operating conditions must not be exceeded to ensure correct operation of
the XC2785X. All parameters specified in the following sections refer to these operating
conditions, unless otherwise noticed.
Note: Typical parameter values refer to room temperature and nominal supply voltage,
minimum/maximum
parameter
values
also
include
conditions
of
minimum/maximum temperature and minimum/maximum supply voltage.
Additional details are described where applicable.
Table 13
Operating Condition Parameters
Parameter
Symbol
Values
Unit Note /
Test Condition
Min.
Typ.
Max.
Digital core supply voltage
V
DDI
1.4
1.6
V
Digital supply voltage for
IO pads and voltage
regulators,
upper voltage range
V
DDPA,
V
DDPB
4.5
5.0
5.5
V
1)
Digital supply voltage for
IO pads and voltage
regulators,
lower voltage range
V
DDPA,
V
DDPB
3.0
3.3
4.5
V
1)
Digital ground voltage
V
SS
0–0
V
Reference
voltage
Overload current
I
OV
-5
5
mA
Per IO pin2)3)
-2
5
mA
Per analog input
pin2)3)
Overload positive current
coupling factor for analog
inputs4)
K
OVA
–1.0
×
10-6
1.0
×
10-4
I
OV > 0
3)
Overload negative current
coupling factor for analog
inputs4)
K
OVA
–2.5
×
10-4
1.5
×
10-3
I
OV < 0
3)
Overload positive current
coupling factor for digital
I/O pins4)
K
OVD
–1.0
×
10-4
5.0
×
10-3
I
OV > 0
3)
Overload negative current
coupling factor for digital
I/O pins4)
K
OVD
–1.0
×
10-2
3.0
×
10-2
I
OV < 0
3)


Similar Part No. - XC2785X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2785X-104FxxL INFINEON-XC2785X-104FxxL Datasheet
1Mb / 141P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1, 2011-07
XC2785X INFINEON-XC2785X_11 Datasheet
1Mb / 141P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1, 2011-07
More results

Similar Description - XC2785X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com