Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF2119DU Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2119DU
Description  LCD controllers/drivers Single-chip LCD controller and driver
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119DU Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2119DU Datasheet HTML 3Page - NXP Semiconductors PCF2119DU Datasheet HTML 4Page - NXP Semiconductors PCF2119DU Datasheet HTML 5Page - NXP Semiconductors PCF2119DU Datasheet HTML 6Page - NXP Semiconductors PCF2119DU Datasheet HTML 7Page - NXP Semiconductors PCF2119DU Datasheet HTML 8Page - NXP Semiconductors PCF2119DU Datasheet HTML 9Page - NXP Semiconductors PCF2119DU Datasheet HTML 10Page - NXP Semiconductors PCF2119DU Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
7 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
[1]
Always put VDD2 =VDD3.
[2]
When the I2C-bus is used, the parallel interface pin E must be LOW.
[3]
The substrate (rear side of the die) is wired to VSS but should not be electrically connected.
[4]
On the device connected to VSS1.
[5]
When the parallel bus is used, the pins SCL and SDA must be connected to VSS1 or VDD1; they must not be
left open-circuit.
[6]
In the I2C-bus read mode, ports DB7 to DB4 and DB2 to DB0 should be connected to VDD1 or left
open-circuit.
[7]
When the 4-bit interface is used without reading out from the PCF2119x (bit R/W is set permanently to
logic 0), the unused ports DB4 to DB0 can either be set to VSS1 or VDD1 instead of leaving them
open-circuit.
PD
155
power-down mode select
for normal operation pin PD must be LOW
SDA
156 and 157
[5] I2C-bus serial data input/output
R/W
158
read/write input
pin R/W = HIGH selects the read operation
pin R/W = LOW selects the write operation
this pin has an internal pull-up resistor
RS
159
register select pin;
this pin has an internal pull-up resistor
DB0 to DB2,
DB3/SA0,
DB4 to DB7
160 to 162,
163,
164 to 167
[6][7] 8 bit bidirectional data bus (bit 0 to bit 7)
the 8-bit bidirectional data bus (3-state) transfers data
between the microcontroller and the PCF2119x
pin DB7 may be used as the busy flag, signalling that
internal operations are not yet completed
4-bit operations the 4 higher order lines DB7 to DB4 are
used, DB3 to DB0 must be left open-circuit
data bus line DB3 has an alternative function (SA0) as the
I2C-bus address pin
each data line has its own internal pull-up resistor
OSC
168
oscillator or external clock input
when the on-chip oscillator is used this pin must be
connected to VDD1
Table 3.
Pin description …continued
Symbol
Pin
Description


Similar Part No. - PCF2119DU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119DU NXP-PCF2119DU Datasheet
862Kb / 107P
   Automotive LCD driver for character displays
Rev. 4 ??8 April 2015
PCF2119DU/2 PHILIPS-PCF2119DU/2 Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119DU/2/2 NXP-PCF2119DU/2/2 Datasheet
457Kb / 79P
   LCD controllers/drivers
Rev. 05-13 August 2009
More results

Similar Description - PCF2119DU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
   LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
   LCD controllers/drivers
1998 May 11
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
   LCD controllers/drivers
Rev. 04-4 March 2008
PCF2119X NXP-PCF2119X Datasheet
457Kb / 79P
   LCD controllers/drivers
Rev. 05-13 August 2009
logo
Sanyo Semicon Device
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
logo
NXP Semiconductors
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
   LCD controller/drivers
1997 Apr 07
PCF2116AU NXP-PCF2116AU Datasheet
277Kb / 64P
   LCD controller/drivers
1997 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com