Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF021-SSH Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25DF021-SSH
Description  One mechanical button switch Three LEDs Four expansion headers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021-SSH Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25DF021-SSH Datasheet HTML 1Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 2Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 3Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 4Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 5Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 6Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 7Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 8Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AVR32924: UC3-L0 XPLAINED Hardware User's
Guide
Features
• Atmel® AT32UC3L064 microcontroller
• Atmel AT32UC3B1256
- Board controller
- Communication gateway
• Analog input (to ADC)
- Temperature sensor
- RC filter
• Digital I/O
- One mechanical button switch
- Three LEDs
- Four expansion headers
• Footprints for external memory
- Atmel AT45DB series DataFlash
® serial flash
- Atmel AT25DF series industry standard serial flash
• Touch
- One Atmel QMatrix™ slider (alt. four QMatrix buttons)
- One Atmel QTouch® button
1 Introduction
The Atmel UC3-L0 Xplained evaluation kit is a hardware platform to evaluate the
Atmel AT32UC3L064 microcontroller.
The kit offers a large range of features that enables the Atmel AVR
® UC3™ user to
get started using UC3 peripherals right away and understand how to integrate the
UC3 device in their own design.
Figure 1-1. UC3-L0 Xplained evaluation kit.
32-bit
Microcontrollers
Application Note
Rev. 32156A-AVR-01/11


Similar Part No. - AT25DF021-SSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021-SSH ATMEL-AT25DF021-SSH Datasheet
373Kb / 13P
   32-bit Microcontrollers
AT25DF021-SSH ATMEL-AT25DF021-SSH Datasheet
453Kb / 19P
   8-bit Atmel Microcontrollers
AT25DF021-SSH-B ATMEL-AT25DF021-SSH-B Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021-SSH-B ATMEL-AT25DF021-SSH-B Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-SSH-B ETC2-AT25DF021-SSH-B Datasheet
914Kb / 41P
   2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
More results

Similar Description - AT25DF021-SSH

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
logo
Cypress Semiconductor
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Molex Electronics Ltd.
130126-0016 MOLEX11-130126-0016 Datasheet
23Kb / 1P
   Watertite Four Button Pendant Enclosure
1301260016 MOLEX11-1301260016 Datasheet
48Kb / 1P
   Watertite Four Button Pendant Enclosure
1301260016 MOLEX1-1301260016_17 Datasheet
37Kb / 1P
   Watertite Four Button Pendant Enclosure
logo
PREMO CORPORATION S.L
FVSB PREMO-FVSB Datasheet
249Kb / 2P
   Three Phase One Stage
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
   Mechanical Key Switch
logo
Alliance Semiconductor ...
AS8C803601 ALSC-AS8C803601 Datasheet
2Mb / 21P
   Three chip enables for simple depth expansion
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
328Kb / 5P
   Mechanical Key Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com